Electronic Components Datasheet Search
  English  ▼

X  

ACE3677N Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE3677N
Description  Precision Load Switch with Adjustable Current Limit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3677N Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE3677N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3677N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3677N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3677N Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE3677N
Precision Load Switch with Adjustable Current Limit
VER 1.2
2
Absolute Maximum Ratings (Note1)
Parameter
Value
IN, OUT
7V
1SET, FAULT ,EN
7V
Power Dissipation, PD@TA=25°C
SOT23-6
0.94W
DFN2*2-6
1.53W
Package Thermal Resistance (Note 2) SOT23-6
θJA
106.4°C/W
θJC
41.7°C/W
Package Thermal Resistance (Note 2) DFN2*2-6
θJA
65.3°C/W
θJC
16.2°C/W
Junction Temperature
150°C
Lead Temperature (Soldering, 10sec.)
260°C
Storage Temperature Range
-65°C to 150°C
Recommended Operating Conditions (Note 3)
Parameter
Value
IN,OUT
2.5V to 5.5V
All Other Pins
0V to 5.5V
Junction Temperature Range
-40°C to 125°C
Ambient Temperature Range
-40°C to 85°C
Note 1: Stresses beyond the
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note 2:
θ
JA is measured in the natural convection at TA = 25°C on test board. Pin 2 of SOT23-6 packages is the case
position for
θ
JC measurement.
Note 3: The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com