Electronic Components Datasheet Search
  English  ▼

X  

ACE3677N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE3677N
Description  Precision Load Switch with Adjustable Current Limit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3677N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE3677N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3677N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3677N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3677N Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE3677N
Precision Load Switch with Adjustable Current Limit
VER 1.2
1
Description
ACE3677N is an ultra-low RDS(ON) power distribution switch with current limit to protect the power
source from over current and short circuit conditions. It incorporates over temperature protection and
reverse blocking function.
Features
⚫
Input Voltage: 2.5V to 5.5V
⚫
Extremely Low Power Path Resistance: 65m
Ω (Typ.)
⚫
Adjustable Current Limit Up to 2.0A
⚫
Over Temperature Shutdown and Automatic Retry
⚫
Reverse Blocking (No Body Diode)
⚫
FAULT Output for Over Current and Fault Conditions
⚫
Built-in Soft-start
⚫
Compact Package Minimizes the Board Space: SOT-23-6/DFN2x2-6
⚫
RoHS Compliant and Halogen Free
Applications
⚫
USB 3.1 Application
⚫
USB 3G Data Card
⚫
USB Dongle
⚫
Mini PCI Accessories
⚫
USB Charger
⚫
Public Place Multi-USB Charger
⚫
PC Card Hot Swap Applications


Similar Part No. - ACE3677N

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE3000 LINEAGEPOWER-ACE3000 Datasheet
806Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
logo
ACE Technology Co., LTD...
ACE3006M ACE-ACE3006M Datasheet
493Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.3
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
High-precision Low Voltage Detector
VER 1.4
More results

Similar Description - ACE3677N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com