Electronic Components Datasheet Search
  English  ▼

X  

ACE5024D Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE5024D
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5024D Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE5024D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACE5024D
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
3
Packaging Type
SOT-23-3
SOT-23-5/SC-70-5
DFN1*1-4
SOT-89-3
SOT-89-5
Pin Configuration
SOT-23-3
SOT-23-5
DFN1*1-4
SOT-89-3
SOT-89-5
Symbol
Function
A
B
C
D
A
B
C
A
B
1
2
3
3
2
2
2
2
1
2
2
VSS
Ground
2
1
2
1
5
5
4
1
3
1
1
VOUT
Output
3
3
1
2
1
1
5
4
2
3
5
VIN
Power Input Pin
3
1
3
4
CE
Chip Enable Pin
4
3/4
3
3
NC
No Connection
Ordering information
ACE5024D XX XX + H
BMA:SOT-23-3A
BMB:SOT-23-3B
BMC:SOT-23-3C
BMD:SOT-23-3D
BNA:SOT-23-5A
BNB:SOT-23-5B
BNC:SOT-23-5C
Pb - free
Halogen - free
Output Voltage:1.05V/1.8V/……/5.0V
IN:DFN1*1-4
AMA:SOT-89-3A
AMB:SOT-89-3B
AN:SOT-89-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com