Electronic Components Datasheet Search
  English  ▼

X  

ACE5024D Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE5024D
Description  Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5024D Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE5024D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5024D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ACE5024D
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
5
Electrical Characteristics
(VIN=VOUT+1V, CIN=COUT
=1μF,T
A=25℃,unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
(1)
Max
Unit
Output Voltage
V
OUT(E)
(2)
IOUT=1mA
VOUT
(3)*0.98 V
OUT
(3)
VOUT
(3)*1.02
V
Supply Current
I
SS
IOUT=0
50
100
μA
Standby Current
I
STBY
CE = VSS
0.1
1
μA
Output Current
I
OUT
500
mA
Dropout Voltage
V
DO
(4)
IOUT =100mA
VOUT
≥3.3V
50
mV
Load Regulation
∆V
OUT
VIN= VOUT +1V,
1mA≤I
OUT
≤100mA
1
mV
Line Regulation
∆V
OUT VOUT
∆V
IN
IOUT =10mA
VOUT
+1V≤V
IN
≤6V
0.01
0.2
%/V
Output Voltage
Temperature
Characteristics
∆V
OUT
∆T × V
OUT
IOUT =10mA
-
40≤T≤+85
30
ppm
Short Current
I
Short
V
OUT =VSS
50
mA
Input Voltage
V
IN
1.8
6.0
V
Power
Supply
Rejection
Rate
100Hz
PSRR
IOUT=50mA
75
dB
1kHz
80
10kHz
80
CE "High" Voltage
VCE“H”
1.5
V
IN
V
CE "Low" Voltage
VCE“L”
0.3
V
COUT
Auto-Discharge
Resistance
R
DISCHRG
VIN=5V,
VOUT=3.0V, VCE=VSS
60
Ω
1.
Typical numbers are at 25°C and represent the most likely norm.
2.
VOUT (E): Effective Output Voltage ( Ie. The output voltage when VIN = (VOUT +1.0V) and maintain a
certain IOUT Value).
3.
VOUT: Specified Output Voltage.
4.
VDO: The Difference Of Output Voltage And Input Voltage When Input Voltage Is Decreased
Gradually Till Output Voltage Equals To 98% Of VOUT (E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com