Electronic Components Datasheet Search
  English  ▼

X  

MAX1921 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1921
Description  fully assembled and tested Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1921 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1921 Datasheet HTML 1Page - Maxim Integrated Products MAX1921 Datasheet HTML 2Page - Maxim Integrated Products MAX1921 Datasheet HTML 3Page - Maxim Integrated Products MAX1921 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX1921 Evaluation Kit
2
_______________________________________________________________________________________
Component Suppliers
SUPPLIER
PHONE
FAX
WEBSITE
Sumida
847-545-6700
847-545-6720
www.sumida.com
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK
847-803-6100
847-390-4405
www.tdk.com
Toko
847-297-0070
847-699-1194
www.tokoam.com
Table 1. JU1 Functions
Table 2. MAX1921 EV Kit Corresponding
Output Voltage
SHUNT
LOCATION
SHDN PIN
MAX1921 OUTPUT
1 and 2
Connected to
VIN
MAX1921 enabled,
VOUT = 1.8V
2 and 3
Connected to
GND
MAX1921 disabled,
VOUT = 0V
Open
Connected to
SHDN pad
External signal
enables or disables
the MAX1921 output
PART NUMBER
MAX1921 EV KIT OUTPUT
VOLTAGE (V)
MAX1920EUT-T
Adjustable
MAX1921EUT15-T
1.5
MAX1921EUT18-T
1.8
MAX1921EUT25-T
2.5
MAX1921EUT30-T
3.0
MAX1921EUT33-T
3.3
Detailed Description
Shutdown Mode
The MAX1921 EV kit features a shutdown mode that
reduces the MAX1921 quiescent current to 0.1µA, pre-
serving battery life. The setting of jumper JU1 selects
the circuit operating modes. Table 1 shows the func-
tions of JU1.
Evaluating Other Output Voltages
The MAX1921 EV kit can be used to evaluate the
MAX1921EUT15-T/25-T/30-T/33-T and the MAX1920EUT-T.
Replace MAX1921EUT18-T with a MAX1921EUT15-T/25-
T/30-T/33-T or MAX1920EUT-T. Table 2 lists the corre-
sponding output voltages. To evaluate different output
voltages, select L1, C2, C3, R1, and R2 for optimum per-
formance according to the Design Procedure section of
the MAX1920/MAX1921 data sheet.
Note: Please indicate that you are using the MAX1920/MAX1921 when contacting these component suppliers.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com