Electronic Components Datasheet Search
  English  ▼

X  

MAX1921 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1921
Description  fully assembled and tested Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1921 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1921 Datasheet HTML 1Page - Maxim Integrated Products MAX1921 Datasheet HTML 2Page - Maxim Integrated Products MAX1921 Datasheet HTML 3Page - Maxim Integrated Products MAX1921 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAX1921 Evaluation Kit
_______________________________________________________________________________________
3
Figure 2. MAX1921 EV Kit Component Placement Guide—
Component Side
Figure 3. MAX1921 EV Kit PC Board Layout—Component Side
U1
MAX1921EUT18-T
R2
OPEN
R1
4.75k
Ω
1%
3
1
3
2
SHDN
GND
VOUT
1.8V
GND
4
2
C3
56nF
L1
4.7
µH
OUT
AGND
LX
6
C1
2.2
µF
10V
C2
4.7
µF
6.3V
VIN
VIN
2V TO 5.5V
JU1
5
1
PGND
IN
SHDN
Figure 1. MAX1921 EV Kit Schematic
1.0"
1.0"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com