Electronic Components Datasheet Search
  English  ▼

X  

MAX652 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX652
Description  provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX652 Datasheet HTML 1Page - Maxim Integrated Products MAX652 Datasheet HTML 2Page - Maxim Integrated Products MAX652 Datasheet HTML 3Page - Maxim Integrated Products MAX652 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX1649 evaluation kit (EV kit) provides a regulat-
ed 5V output voltage from a 5.5V to 16.5V source. The
circuit is configured to deliver up to 1.5A of output cur-
rent using all surface-mount components. The
MAX1649’s low quiescent current and unique current-
limited PFM control scheme provide high efficiency
over a wide range of load currents.
The MAX1649 EV kit can also be used to evaluate the
MAX1651 (3.3V output), MAX649, MAX651, and
MAX652. However, the MAX1649/MAX1651 are
improved versions of the MAX649/MAX651, and are
recommended for new designs.
Features
♦ +5.5V to +16.5V Input Supply Range
♦ Over 90% Efficiency for 10mA to 1.5A Loads
♦ 100µA (max) Quiescent Supply Current
♦ Fixed 5V or Optional Adjustable Output Voltage
♦ 1.5A Output Current Capability
♦ Fully Assembled and Tested
MAX1649 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-1293; Rev 1; 11/07
Component Suppliers
Component List
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
_________________________Quick Start
The MAX1649 EV kit is fully assembled and tested.
Follow the steps below to verify board operation. Do
not turn on the power supply until all connections
are completed.
1) Connect a +5.5V to +16.5V power supply to the
pad marked VIN.
2) Connect ground to the GND pad.
3) Connect a voltmeter and load (if any) to the VOUT pad.
4) For normal operation, place the shunt across pins
1 and 2 of jumper JU1.
5) Turn on the power supply and verify that the output
voltage is 5V.
Note: Indicate that you are using the MAX1649 when contacting
these component suppliers.
+Denotes lead-free and RoHS compliant.
DESIGNATION QTY
DESCRIPTION
C1, C6
2
68µF, 20V ±20% tantalum capacitors
(E-case)
AVX TPSE686M020R0150
C2
1
330µF, 10V ±10% tantalum capacitor
(E-case)
AVX TPSE337K010R0060
C3, C4
2
0.1µF ±10% ceramic capacitors
(0805)
Panasonic ECJ-3VB1H104K
C5
0
Not installed, capacitor (1206)
C7
0
Not installed, capacitor (D-case)
D1
1
Schottky diode
Nihon NSQ03A03L
JU1
1
3-pin header
JU3
0
Not installed, shorted by PC trace
L1
1
47µH inductor
Sumida CDRH125NP-470MC
P1
1
p-channel MOSFET (8-pin SO-8)
International Rectifier IRF7416PBF
Fairchild NDS8435A_NL
R1
1
0.050
Ω ±1%, 0.5W resistor (2010)
Dale WSL2010R0500FEA
IRC LRC-LR2010LF-01-R050-F
R2
0
Not installed, resistor (1206)
R3
0
Not installed, resistor (1206)—shorted
by PC trace
U1
1
MAX1649CSA+ (8-pin SO-8)
—
1
Shunt
—
1
PCB: MAX1649 Evaluation Kit+
PART
TYPE
MAX1649EVKIT-SO+
EV Kit
SUPPLIER
PHONE
WEBSITE
AVX
843-946-0238
www.avx.com
Fairchild
888-522-5372
www.fairchildsemi.com
International
Rectifier
310-322-3331
irf.com
IRC
361-992-7900
irctt.com
Nihon/NIEC
847-843-7500
www.niec.co.jp
Panasonic
800-344-2112
www.panasonic.com
Sumida Corp.
847-545-6700
www.sumida.com
Vishay/Dale
Resistors
402-564-3131
www.vishay.com


Similar Part No. - MAX652

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX652 MAXIM-MAX652 Datasheet
266Kb / 16P
5V/3.3V/3V or Adjustable, High-Efficiency,
Rev 3; 9/97
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520 Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
MAX6520EUR-T MAXIM-MAX6520EUR-T Datasheet
83Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520EUR-T MAXIM-MAX6520EUR-T Datasheet
328Kb / 6P
50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
More results

Similar Description - MAX652

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
evaluation board provides a solution to examine the high efficiency
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
Evaluation Board provides a solution to examine the high efficiency
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
logo
Maxim Integrated Produc...
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
Operates from a 2.7V to 5.5V Input Supply
2012
MAX15112EVKIT MAXIM-MAX15112EVKIT Datasheet
806Kb / 8P
Operates from a 2.7V to 5.5V Input Supply
Rev 1; 9/12
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
MAXM17536EVKIT MAXIM-MAXM17536EVKIT Datasheet
834Kb / 11P
MAXM17536 5V Output Evaluation Kit
2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com