Electronic Components Datasheet Search
  English  ▼

X  

MAX652 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX652
Description  provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX652 Datasheet HTML 1Page - Maxim Integrated Products MAX652 Datasheet HTML 2Page - Maxim Integrated Products MAX652 Datasheet HTML 3Page - Maxim Integrated Products MAX652 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX1649 Evaluation Kit
2
_______________________________________________________________________________________
_______________Detailed Description
Shutdown Control
The MAX1649 provides a SHDN pin to disable the out-
put. Table 1 lists the options available for shutdown
control jumper JU1. An external controller can be used
by removing the shunt on JU1 completely and connect-
ing the external controller to the pad labeled SHDN.
SHDN is a TTL/CMOS logic-level input.
Output Voltage Adjustment
The output voltage can be adjusted with minor modifi-
cations to the EV kit board. First, select output voltage-
divider resistors R2 and R3 (refer to the Setting the
Output Voltage section of the MAX1649 data sheet).
Second, open jumper JU3 and resistor R3 by cutting
the thin PCB trace between their pads. Finally, install
R2 and R3. The standard output filter capacitor is rated
at 10V. Use a higher-rated capacitor if necessary.
When using the MAX1651 or when adjusting the output
of either device, an input voltage below 5.5V is accept-
able. However, the input voltage must be high enough
to avoid dropout (refer to the Typical Operating Charac-
teristics of the MAX1649/MAX1651 data sheet).
Evaluating the MAX649/MAX651/MAX652
The MAX1649 EV kit can also be used to evaluate the
MAX649/MAX651/MAX652. In addition to replacing the
MAX1649 with a MAX649, change resistor R1 to 0.1
Ω.
Contact Maxim for free samples of the MAX649CSA,
MAX651CSA, or MAX652CSA. Note that the MAX1649/
MAX1651 are recommended over the MAX649/
MAX651/MAX652 for new designs.
Table 1. Jumper JU1 Functions
MAX1649
V+
SHDN
REF
GND
FB
OUT
EXT
CS
5
3
3
1
4
8
6
7
1
2
3
4
5
6
7
8
1
2
VIN
SHDN
5.5V TO 16.5V
C1
68
μF
20V
C4
0.1
μF
C6
68
μF
20V
R1
0.05
Ω
1%
U1
JU1
OFF
ON
2
R3
SHORT
(PCB TRACE)
R2
OPEN
C5
OPEN
JU3
P1
L1
47
μH
D1
VOUT
C2
330
μF
10V
C7
OPEN
GND
C3
0.1
μF
Figure 1. MAX1649 EV Kit Schematic
SHUNT LOCATION
SHDN PIN
MAX1649 OUTPUT
1 and 2
Connected to GND
MAX1649 enabled,
VOUT = 5V
2 and 3
Connected to VIN
Shutdown mode,
VOUT = 0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com