Electronic Components Datasheet Search
  English  ▼

X  

ABC300 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC300
Description  5 x 3 x 1.5 inch form factor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC300 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC300 Datasheet HTML 1Page - Bel Fuse Inc. ABC300 Datasheet HTML 2Page - Bel Fuse Inc. ABC300 Datasheet HTML 3Page - Bel Fuse Inc. ABC300 Datasheet HTML 4Page - Bel Fuse Inc. ABC300 Datasheet HTML 5Page - Bel Fuse Inc. ABC300 Datasheet HTML 6Page - Bel Fuse Inc. ABC300 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABC300 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00285_AF
3.
OUTPUT SPECIFICATIONS
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Output Voltage 3
12 to 48 V
Stand-by Output 4
5 VDC
Output Power 5, 6
Derate linearly to 80% from 90 VAC to 80 VAC input.
200 to 325 W
Efficiency
120 VAC
230 VAC
88% typical
92% typical
Hold Up Time
120 / 230 VAC
10 ms
Power Factor
120 VAC
230 VAC
0.98
0.95
Line Regulation
± 0.5 %
Load Regulation
± 2 %
Transient Response
50% to 100% load change, 50 Hz, 50% duty cycle, 0.1 A/
μs,
< 10 %, recovery time < 5 ms
Rise Time
< 100 ms
Set Point Tolerance
± 1 %
Voltage Output Adjustment
± 3 %
Over Voltage Protection
Automatic recovery
110 to 150 %
Over Current Protection
110 to 150 %
Short Circuit Protection
Short term, automatic recovery
Over Temperature Protection
Automatic Recovery
110° C primary heat sink
Cooling 7
Convection
5 V model
12, 15, 24, 30 & 48 V models
140 W max
200 W max
With 300 LFM
5 V model
12 &15 V models
24, 30 & 48 V models
200 W max
300 W max
325 W max
3
Peak current rating on main output is 120% of max., lasting < 30 s with a maximum 10% duty cycle.
4
Standby output voltage tolerance including set point accuracy, line and load regulation is +/-10%. Ripple and noise is less than 5%.
5
Combined output power of main output, fan supply and standby supply shall not exceed max. power rating.
6
Derate output power linearly to 80% from 90 VAC to 80 VAC input.
7
Refer de-rating curves to determine output power over the entire operating temperature range
4.
EMC SPECIFICATIONS
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Conducted Emissions
EN 55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
With external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com