Electronic Components Datasheet Search
  English  ▼

X  

ABC300 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC300
Description  5 x 3 x 1.5 inch form factor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC300 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC300 Datasheet HTML 1Page - Bel Fuse Inc. ABC300 Datasheet HTML 2Page - Bel Fuse Inc. ABC300 Datasheet HTML 3Page - Bel Fuse Inc. ABC300 Datasheet HTML 4Page - Bel Fuse Inc. ABC300 Datasheet HTML 5Page - Bel Fuse Inc. ABC300 Datasheet HTML 6Page - Bel Fuse Inc. ABC300 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The ABC300 Series of open-frame power supplies, with its wide
universal 90-264 VAC input range and high power density, is available
at 300 W of output power and a variety of single output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
Key Features & Benefits
•
5 x 3 x 1.5 inch form factor
•
200 W convection cooled
•
No minimum load required
•
5 V Standby output
•
12 V Fan output
•
Inhibit & Power Good signals
•
IEC Protection Class Options:
o
Class I: Earth pin J4 (no suffix)
o
Class II: No Earth pin (-2 suffix)
•
IEC / EN / UL 62368-1 Compliant
•
RoHS Compliant
•
CE marked
Applications
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC300

ManufacturerPart #DatasheetDescription
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
Bel Fuse Inc.
ABC300 BEL-ABC300 Datasheet
1Mb / 6P
ITE Safety Agency Approvals
logo
Power-One
ABC300-1T05G POWER-ONE-ABC300-1T05G Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
Bel Fuse Inc.
ABC300-1T05G BEL-ABC300-1T05G Datasheet
1Mb / 6P
ITE Safety Agency Approvals
logo
Power-One
ABC300-1T12G POWER-ONE-ABC300-1T12G Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
More results

Similar Description - ABC300

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
5 x 3 x 0.75 Inches form factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
5 x 3 x 0.75 Inches Form factor
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
5 x 3 x 0.75 Inch Form Factor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com