Electronic Components Datasheet Search
  English  ▼

X  

ABC401-1024 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC401-1024
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401-1024 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC401-1024 Datasheet HTML 1Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 2Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 3Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 4Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 5Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 6Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 7Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 8Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ABC401 Series
tech.support@psbel.com
MODEL NUMBER
PACKAGE & COOLING
INPUT VOLTAGE
RANGE
[VAC]
NOM. OUTPUT
VOLTAGE
[VDC]
MAX. OUTPUT
POWER
[W]
MAX. OUTPUT
CURRENT
[A]
DIMENSIONS
ABC401-1012
Open Frame
Convection / Forced Air
90 - 264
12
400
33.3
76.0 x 164.2 x 37.7 mm
(2.99 x 6.46 x 1.48 in)
ABC401-1012-UC
U-Chassis
Convection / Forced Air
90 - 264
12
400
33.3
84.4 x 166.5 x 40.0 mm
(3.32 x 6.55 x 1.57 in)
ABC401-1012-PC
Perforated Cover
Convection / Forced Air
90 - 264
12
400
33.3
84.4 x 166.5 x 41.0 mm
(3.32 x 6.55 x 1.61 in)
ABC401-1012-T
Vented Cover
Top Fan
90 - 264
12
400
33.3
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)
ABC401-1012-S
Enclosed
Front Mounted Fan
90 - 264
12
400
33.3
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)
ABC401-1024
Open Frame
Convection / Forced Air
90 - 264
24
400
16.7
76.0 x 164.2 x 37.7 mm
(2.99 x 6.46 x 1.48 in)
ABC401-1024-UC
U-Chassis
Convection / Forced Air
90 - 264
24
400
16.7
84.4 x 166.5 x 40.0 mm
(3.32 x 6.55 x 1.57 in)
ABC401-1024-PC
Perforated Cover
Convection / Forced Air
90 - 264
24
400
16.7
84.4 x 166.5 x 41.0 mm
(3.32 x 6.55 x 1.61 in)
ABC401-1024-T
Vented Cover
Top Fan
90 - 264
24
400
16.7
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)
ABC401-1024-S
Enclosed
Front Mounted Fan
90 - 264
24
400
16.7
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)
ABC401-1028-UC
U-Chassis
Convection / Forced Air
90 - 264
28
400
14.3
84.4 x 166.5 x 40.0 mm
(3.32 x 6.55 x 1.57 in)
ABC401-1036
Open Frame
Convection / Forced Air
90 - 264
36
400
11.1
76.0 x 164.2 x 37.7 mm
(2.99 x 6.46 x 1.48 in)
ABC401-1036-UC
U-Chassis
Convection / Forced Air
90 - 264
36
400
11.1
84.4 x 166.5 x 40.0 mm
(3.32 x 6.55 x 1.57 in)
ABC401-1036-PC
Perforated Cover
Convection / Forced Air
90 - 264
36
400
11.1
84.4 x 166.5 x 41.0 mm
(3.32 x 6.55 x 1.61 in)
ABC401-1036-T
Vented Cover
Top Fan
90 - 264
36
400
11.1
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)
ABC401-1036-S
Enclosed
Front Mounted Fan
90 - 264
36
400
11.1
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)
ABC401-1048
Open Frame
Convection / Forced Air
90 - 264
48
400
8.3
76.0 x 164.2 x 37.7 mm
(2.99 x 6.46 x 1.48 in)
ABC401-1048-UC
U-Chassis
Convection / Forced Air
90 - 264
48
400
8.3
84.4 x 166.5 x 40.0 mm
(3.32 x 6.55 x 1.57 in)
ABC401-1048-PC
Perforated Cover
Convection / Forced Air
90 - 264
48
400
8.3
84.4 x 166.5 x 41.0 mm
(3.32 x 6.55 x 1.61 in)
ABC401-1048-T
Vented Cover
Top Fan
90 - 264
48
400
8.3
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)
ABC401-1048-S
Enclosed
Front Mounted Fan
90 - 264
48
400
8.3
84.4 x 183.0 x 41.0 mm
(3.32 x 7.20 x 1.61 in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com