Electronic Components Datasheet Search
  English  ▼

X  

ABC401-1024 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC401-1024
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401-1024 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC401-1024 Datasheet HTML 1Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 2Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 3Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 4Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 5Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 6Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 7Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 8Page - Bel Fuse Inc. ABC401-1024 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ABC401 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01060_B
Figure 1. Power Derating Curves for Open Frame, U-Chassis and Perforated Cover Models
Figure 2. Power Derating Curves for Top Fan and Front Mounted Fan Models
Base signals and controls are accessible from signal connector P204.
SIGNAL
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
PS_ON
Active low, +5 V TTL signal compatible. Input low voltage
0
-
2.0
V
Input high voltage (IIN = 200 µA)
3.0
-
-
V
V1 and V2 disabled when PS_ON is open
5 VSB not affected by PS_ON
V1 and V2 enabled with PS_ON connected to RTN
P_OK
+5 V TTL compatible
Logic level low (<10 mA sinking)
-
-
0.7
V
Logic level high (100µA sourcing)
2.4
-
5
V
Low to high time after V1 in regulation
0.05
-
0.1
s
Power down warning time
1
-
-
ms
5VSB output
Active and in regulation after a 90<VAC<264 is applied
-
-
200
ms
5 VSB not affected by PS_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com