Electronic Components Datasheet Search
  English  ▼

X  

R7L Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # R7L
Description  Remote I/O R7 Series LonWorks I/O MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7L Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button R7L Datasheet HTML 7Page - M-System Co.,Ltd. R7L Datasheet HTML 8Page - M-System Co.,Ltd. R7L Datasheet HTML 9Page - M-System Co.,Ltd. R7L Datasheet HTML 10Page - M-System Co.,Ltd. R7L Datasheet HTML 11Page - M-System Co.,Ltd. R7L Datasheet HTML 12Page - M-System Co.,Ltd. R7L Datasheet HTML 13Page - M-System Co.,Ltd. R7L Datasheet HTML 14Page - M-System Co.,Ltd. R7L Datasheet HTML 15Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MODEL: R7L
R7L SPECIFICATIONS
ES-7804 Rev.13 Page 11/26
http://www.m-system.co.jp/
PNP DISCRETE INPUT &
NPN TRANSISTOR OUTPUT MODULE, 8 points each
MODEL: R7L-DAC16
SPECIFICATIONS
■ COMMON SPECIFICATIONS
Common: Negative common per 16 points
Number of I/O: Input, 8 points; Output, 8 points
Maximum I/O applicable at once: No limit (at 24 V DC)
I/O status indicator: LED turns ON with contact ON
Isolation: Input or output to LonWorks or FG or power
■ INPUT
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (input – COM) / ≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (input – COM) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
Maximum input frequency: 10 Hz (input terminal)
1 Hz (Network Variable)
Minimum input pulse requirements: 50 ms (input terminal)
500 ms (Network Variable)
Accumulated pulse count: 0 – 999 999 999
(Maximum count depends upon Network Variable types)
Overflow: Reset to 0 and restart counting
■ OUTPUT
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.25 A per point, 2.0 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
(When driving an inductive load, connect a diode in parallel
with the load.)
FUNCTIONAL BLOCKS
The following Functional Blocks are usable. Refer to the
instruction manual for detailed information.
• NodeObject (extension module setting)
• fbCNT (totalize pulse count on 8 channels)
• fbDO (discrete output, one-shot output)
• fbDI (discrete input, RS-flip flop)
• fbCMP (compare)
• fbEN (encoder)
• fbTMR (timer)
• fbDOEX (discrete output, extension module)
• fbDIEX (discrete input, extension module)
TERMINAL ASSIGNMENTS
14
5
6
X7
X6
Y0
15
Y1
16
17
18
7
8
9
Y3
Y5
Y7
Y2
Y4
10
1
2
+24V
COM
X0
11
X1
12
13
3
4
X3
X5
X2
X4
Y6
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
COM
Common
10
+24V
24V DC
2
X0
Input 0
11
X1
Input 1
3
X2
Input 2
12
X3
Input 3
4
X4
Input 4
13
X5
Input 5
5
X6
Input 6
14
X7
Input 7
6
Y0
Output 0
15
Y1
Output 1
7
Y2
Output 2
16
Y3
Output 3
8
Y4
Output 4
17
Y5
Output 5
9
Y6
Output 6
18
Y7
Output 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com