Electronic Components Datasheet Search
  English  ▼

X  

R7L Datasheet(PDF) 12 Page - M-System Co.,Ltd.

Part # R7L
Description  Remote I/O R7 Series LonWorks I/O MODULE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7L Datasheet(HTML) 12 Page - M-System Co.,Ltd.

Back Button R7L Datasheet HTML 8Page - M-System Co.,Ltd. R7L Datasheet HTML 9Page - M-System Co.,Ltd. R7L Datasheet HTML 10Page - M-System Co.,Ltd. R7L Datasheet HTML 11Page - M-System Co.,Ltd. R7L Datasheet HTML 12Page - M-System Co.,Ltd. R7L Datasheet HTML 13Page - M-System Co.,Ltd. R7L Datasheet HTML 14Page - M-System Co.,Ltd. R7L Datasheet HTML 15Page - M-System Co.,Ltd. R7L Datasheet HTML 16Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MODEL: R7L
R7L SPECIFICATIONS
ES-7804 Rev.13 Page 12/26
http://www.m-system.co.jp/
CIRCUIT DIAGRAM
Input Circuit
Comm.
Circuit
Control
Circuit
■ Input Circuit
■ Output Circuit
1
9
18
10
Y6
17 Y5
+24V
Y7
8 Y4
16 Y3
7 Y2
15 Y1
6 Y0
14 X7
5 X6
13 X5
4 X4
12 X3
3 X2
11
4
7
6
3
2
5
1
X1
COM
X0
FG
NET2
NET2
NET1
NET1
2
6
+24V
10
Y0
18 Y7
1 COM
Control
Circuit
■ I/O Connection Example
10
1
COM
+24V
6
Y0
2
X0
18
YF
Output Circuit
1
COM1
2
X0
14
X7
Control
Circuit
V (–)
U (+)
LONWORKS
LONWORKS
−
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com