Electronic Components Datasheet Search
  English  ▼

X  

ADA4255ACPZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADA4255ACPZ
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADA4255ACPZ Datasheet HTML 44Page - Analog Devices ADA4255ACPZ Datasheet HTML 45Page - Analog Devices ADA4255ACPZ Datasheet HTML 46Page - Analog Devices ADA4255ACPZ Datasheet HTML 47Page - Analog Devices ADA4255ACPZ Datasheet HTML 48Page - Analog Devices ADA4255ACPZ Datasheet HTML 49Page - Analog Devices ADA4255ACPZ Datasheet HTML 50Page - Analog Devices ADA4255ACPZ Datasheet HTML 51Page - Analog Devices ADA4255ACPZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 48 of 64
CLOCK SYNCHRONIZATION CONFIGURATION
REGISTER (SYNC_CFG) DETAILS
Table 14. SYNC_CFG Register Details (Register 0x02)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
CLK_CP_SEL
CLK_OUT_SEL
Reserved
SYNC_POL
Reserved
SYNC[2:0]
Access
R/W
R/W
Reserved
RW
Reserved
R/W
Reset
0
0
Reserved
0
Reserved
1
0
0
Bit 7, CLK_CP_SEL—Charge Pump Clock
Select
The charge pump of the ADA4255 runs at 16 MHz by default.
Alternatively, setting CLK_CP_SEL to 1 changes the charge pump
frequency to 8 MHz.
Bit 6, CLK_OUT_SEL—Clock Output Select
The ADA4255 1 MHz master clock is divided down to
125 kHz internally and is used by the zero drift amplifiers. When
the INT_CLK_OUT bit in Register 0x0C is set to 1, setting
CLK_OUT_SEL to 1 outputs the divided down 125 kHz clock on
GPIO4. Clearing CLK_OUT_SEL to 0 outputs the 1 MHz master
clock on GPIO4.
Bit 4, SYNC_POL—Clock Synchronization
Polarity
When an external clock source is provided to the ADA4255, this bit
is used to configure whether the rising or falling edge is used for
synchronization. The synchronization edge is the edge at which the
ADA4255 performs the chopping. Writing a 1 to this bit synchroniz-
es the ADA4255 to the positive edge of the provided clock. Writing
a 0 synchronizes the ADA4255 to the negative edge of the provided
clock.
Bits[2:0], SYNC[2:0]—Internal Clock Divider
Value
When an external clock is provided to the ADA4255, the SYNC[2:0]
bits set the internal clock divider value. If an external clock is
supplied to the ADA4255, the clock value must be 1 MHz or must
be divided down by the ADA4255 to 1 MHz using the clock divider.
Table 15 lists the available divider values.
Table 15. Clock Divider Values
Divider Value
Bits in the SYNC[2:0] Bit Field
SYNC2
SYNC1
SYNC0
÷1
0
0
0
÷2
0
0
1
÷4
0
1
0
÷8
0
1
1
÷16
1
0
0
÷32
1
0
1
Reserved
1
1
0
Reserved
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com