Electronic Components Datasheet Search
  English  ▼

X  

ADA4255ACPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4255ACPZ
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ Datasheet(HTML) 5 Page - Analog Devices

  ADA4255ACPZ Datasheet HTML 1Page - Analog Devices ADA4255ACPZ Datasheet HTML 2Page - Analog Devices ADA4255ACPZ Datasheet HTML 3Page - Analog Devices ADA4255ACPZ Datasheet HTML 4Page - Analog Devices ADA4255ACPZ Datasheet HTML 5Page - Analog Devices ADA4255ACPZ Datasheet HTML 6Page - Analog Devices ADA4255ACPZ Datasheet HTML 7Page - Analog Devices ADA4255ACPZ Datasheet HTML 8Page - Analog Devices ADA4255ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Data Sheet
ADA4255
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 64
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE
Total Noise, RTI = eni2+ enoGain 2
Voltage Noise, 1 kHz, RTI
Input Noise (eni)
17
nV/√Hz
Output Noise (eno)
253
nV/√Hz
0.1 Hz to 10 Hz, RTI
G = 1/16 V/V
95
μV p-p
G = 1 V/V
5.75
μV p-p
G = 128 V/V
330
nV p-p
0.01 Hz to 10 Hz, RTI
G = 1/16 V/V
100
μV p-p
G = 1 V/V
6.8
μV p-p
G = 128 V/V
395
nV p-p
Current Noise
10 Hz
100
fA/√Hz
0.1 Hz to 10 Hz
3.1
pA p-p
0.01 Hz to 10 Hz
4
pA p-p
INPUT CHARACTERISTICS
Input Bias Current
±0.45
±1.5
nA
TA = −40°C to +85°C1
±4
nA
TA = −40°C to +105°C1
±14
nA
Input Offset Current
±0.2
±1.3
nA
TA = −40°C to +85°C1
±2.5
nA
TA = −40°C to +105°C1
±3.5
nA
Input Impedance
Common mode
>1||11
GΩ||pF
Differential
>1||4.7
GΩ||pF
Input Operating Voltage Range
Guaranteed by CMRR
VSSH + 3
VDDH − 3
V
MUX_OVER_VOLT_ERR
Any input
Positive Threshold
VDDH − 0.9
V
Negative Threshold
VSSH + 0.9
V
INPUT_ERR/G_RST
Selected input, Common-mode applied
Positive Threshold
VDDH − 1.5
V
Negative Threshold
VSSH + 1.5
V
Switch Ax and Switch Bx Resistance
See Figure 86 for additional information
560
Ω
Switch D12 Resistance
See Figure 86 for additional information
4.05
kΩ
ANALOG OUTPUTS
Output Voltage Swing from Each Rail
AVDD = 5 V, load resistor (RL) = 2.49 kΩ to 2.5 V
AVSS + 0.06
AVDD − 0.08 V
AVDD = 2.7 V, RL = 1.8 kΩ to 1.35 V
AVSS + 0.05
AVDD − 0.06 V
Capacitive Load Drive
500
pF
Short-Circuit Current
To 2.5 V, G = 1.375, AVDD = 2.7 V to 5 V
3.5
11
25
mA
OUTPUT_ERR
Positive Threshold
AVDD − 0.03
V
Negative Threshold
AVSS + 0.03
V
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
2.3
MHz
Slew Rate
1.9
V/μs
Voltage Noise
Frequency = 1 kHz
160
nV/√Hz
Gain
1
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com