Electronic Components Datasheet Search
  English  ▼

X  

ADA4570 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4570
Description  Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4570 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4570 Datasheet HTML 6Page - Analog Devices ADA4570 Datasheet HTML 7Page - Analog Devices ADA4570 Datasheet HTML 8Page - Analog Devices ADA4570 Datasheet HTML 9Page - Analog Devices ADA4570 Datasheet HTML 10Page - Analog Devices ADA4570 Datasheet HTML 11Page - Analog Devices ADA4570 Datasheet HTML 12Page - Analog Devices ADA4570 Datasheet HTML 13Page - Analog Devices ADA4570 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
ADA4570
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 14
The ADA4570 is designed for magnetoresistive sensing applica-
tions with a differential analog output. The sensor is designed to
operate with an external ADC that is controlled by a separate
processing IC or electronic control unit (ECU) as indicated in
Figure 18.
SUPPLY AND ADC REFERENCE
Connect a decoupling capacitance of 100 nF to the ADA4570 VDD
supply pin to minimize interferences on the power supply from
entering the system. To achieve optimum power supply related
noise performance, connect the VDD supply of the ADA4570 as
the voltage reference of the ADC, as shown in Figure 18. Using
the ADA4570 VDD supply as the reference input voltage to the
external ADC provides a ratiometric configuration where the output
dependency on the supply voltage changes is minimized. This con-
figuration also optimizes the use of the ADC input range because
the output voltages of the VSIN+, VSIN−, VCOS+, and VCOS− pins
track the supply voltage.
CONNECTING THE ADA4570
A typical circuit to connect the ADA4570 to a differential ADC
is shown in Figure 18. The ADA4570 signal driving capability is
sufficient to connect the analog outputs directly to a differential
successive approximation register (SAR) or a Σ-Δ ADC.
Minimize the signal trace lengths to the ADC or the processing
IC. Using proper layout techniques and ground planes around
the analog signal tracks provides shielding on the PCB and im-
proves electromagnetic compatibility (EMC) robustness. For each
differential output, the load resistor (RL) and the single-ended load
capacitance (CL/2) must refer to ground, and the differential load
capacitance (CL/4) must be connected between the differential
outputs (see Figure 18.). The load resistors and capacitors must
match to achieve the best angular accuracy. In addition, take the
desired system sampling frequency into account when adding noise
reducing filters to the front of the ADC.
ANGLE CALCULATION
The angle of the incident magnetic field is calculated from the out-
put of the ADA4570, and the trigonometric function arctangent(2)
(arctan2) is used. To calculate the ADA4570 output angle, use the
following equation:
α = arctan2(VSIN/VCOS)/2
With the sensing range of the AMR sensor, the calculated angle
repeats every 180° rotation of the magnetic field. For a dipole
magnet, the ADA4570 reports an angle with twice the frequency of
the rotation.
The direction of a homogeneous magnetic field for an angle of α =
0°is shown in Figure 19
Figure 19. Direction of Homogeneous Magnetic Field for α = 0°
SIGNAL DEPENDENCE ON AIR GAP
DISTANCE
The ADA4570 measures the direction of the external magnetic field
within the sensor x-y plane.
Within a homogeneous field in the xy direction, where the magnetic
flux density is at least 30 mT, the accuracy and voltage levels of the
angular measurement is independent of the field strength and the
sensor placement in z direction (air gap).
The nominal z distance of the internal x-y plane to the top surface
of the plastic package is shown in Figure 22.
SIGNAL OFFSET AND CALIBRATION
The ADA4570 provides two differential output signals, VSIN and
VCOS, with an output voltage range of ±VAMP (see Figure 15).
Matching inaccuracies and other imperfections during the produc-
tion process may result in offsets in the outputs. To minimize
additional offsets, caused by the external filter components, match
the external capacitive and resistive loads to each other by using
the same nominal values for the external components connected to
VSIN+, VSIN−, VCOS+, and VCOS−.
To calculate the offset, use the positive and negative VAMP value of
a full magnetic rotation as follows:
VOFFSET = (VAMP_POS + VAMP_NEG)/2
The VSIN and VCOS output offset can be removed by subtracting
the calculated offsets VOFFSET(VSIN)and VOFFSET(VCOS) from the
VSIN and VCOS measurement result.
A single point calibration is usually done at 25°C and removes
the system offset at this temperature. This simple calibration does
not take temperature related offset drifts into account that may be
caused by drifts within the internal or external components. This
calibration may be sufficient for many applications in particular
where no large changes in temperature are expected. To compen-
sate for offset drifts over the full temperature range, dynamic offset
calibrations are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com