Electronic Components Datasheet Search
  English  ▼

X  

ADA4570 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4570
Description  Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4570 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4570 Datasheet HTML 6Page - Analog Devices ADA4570 Datasheet HTML 7Page - Analog Devices ADA4570 Datasheet HTML 8Page - Analog Devices ADA4570 Datasheet HTML 9Page - Analog Devices ADA4570 Datasheet HTML 10Page - Analog Devices ADA4570 Datasheet HTML 11Page - Analog Devices ADA4570 Datasheet HTML 12Page - Analog Devices ADA4570 Datasheet HTML 13Page - Analog Devices ADA4570 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet
ADA4570
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 12 of 14
VTEMP OUTPUT PIN
An internal temperature sensor provides a voltage output at the
VTEMP pin that can be used to monitor the operating temperature
of the system and provide the reference for calibration. This output
voltage (VTEMP) is ratiometric to the ADA4570 supply voltage.
Using an ADC, the reference of which is supplied by the VDD of the
ADA4570, ensures that the digitized temperature measurement is
also ratiometric.
To achieve maximum accuracy from the VTEMP output voltage,
perform an initial calibration at a known and controlled temperature.
To calculate the temperature, use the following equation:
TVTEMP=VTEMP−VCAL
VDD −TCAL×TCO
TCO
(1)
where:
TVTEMP is the calculated temperature (°C) from the VTEMP output
voltage.
VTEMP is the VTEMP output voltage during operation.
VCAL is the VTEMP output voltage during calibration at a controlled
temperature.
TCAL is the controlled temperature during calibration.
TCO is the temperature coefficient of the internal circuit. See the
Specifications section for the exact value.
VDD is the supply voltage.
In Figure 18, an optional resistor is shown in the VTEMP signal
path to the ADC. When operating in a harsh environment, this
resistor increases device immunity to EMI.
POWER CONSUMPTION
The power consumption is dependent on the supply voltage and
temperature as shown in Figure 8.
The analog outputs are protected against short circuit to the VDD
pin or ground by a current limitation.
DIAGNOSTIC
Broken Bond Wire Detection
The ADA4570 includes the ability to detect broken bond wires
between the AMR sensor and the ASIC. When this circuitry detects
that the signal nodes are outside the normal operating region, the
device pulls the VSIN+, VSIN−, VCOS+, and VCOS− analog output
pins to ground. Monitor the voltage level of the analog signals
to verify that the output level does not fall within the short-circuit
diagnostic band shown in Figure 20. If the outputs fall within the
short-circuit diagnostic band shown in Figure 20, the user must take
the appropriate action.
Figure 20. Short-Circuit Diagnostic Band
Short-Circuit Diagnostic Bands
The output levels of the ADA4570 were designed to be within the
linear region shown in Figure 20 during normal operation. Validate
that the output levels are within the appropriate operating band. If
any, or all, of the VSIN+, VSIN−, VCOS+, and VCOS− outputs are
in the diagnostic bands, the outputs must be treated at the system
level because this is an indication of a potential fault.
Radius Calculation
The differential signal outputs, VSIN and VCOS, from the ADA4570
can be used to calculate a radius (VRAD) of the circle at any angle
of the applied magnetic field, as is shown in Figure 21.
Figure 21. Radius Values
VRAD is equal to the vector sum of the differential signal outputs,
VSIN and VCOS.
VRAD =  VSIN2 + VCOS2
Due to the constant phase difference of 90° between the measure-
ments of the differential signal outputs, VSIN and VCOS, VRAD is
constant over an entire magnetic revolution for a constant tempera-
ture and supply.
It is important to perform an offset calibration before a radius
calculation is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com