Electronic Components Datasheet Search
  English  ▼

X  

ST22FJ1M Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST22FJ1M
Description  Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22FJ1M Datasheet(HTML) 1 Page - STMicroelectronics

  ST22FJ1M Datasheet HTML 1Page - STMicroelectronics ST22FJ1M Datasheet HTML 2Page - STMicroelectronics ST22FJ1M Datasheet HTML 3Page - STMicroelectronics ST22FJ1M Datasheet HTML 4Page - STMicroelectronics ST22FJ1M Datasheet HTML 5Page - STMicroelectronics ST22FJ1M Datasheet HTML 6Page - STMicroelectronics ST22FJ1M Datasheet HTML 7Page - STMicroelectronics ST22FJ1M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
DATA BRIEF
December 2003
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 68 87 29.
ST22FJ1M
Smartcard 32-Bit RISC MCU with 1 Mbytes
FLASH & Javacard™ HW Execution
PRODUCT FEATURES
I 32-BIT RISC CPU WITH 24-BIT LINEAR
MEMORY ADDRESSING
I 768 KBYTES USER FLASH
I 16 KBYTES USER RAM
I 16 KBYTES USER SECONDARY RAM
I 256 KBYTES USER PAGE-FLASH
32-BIT RISC CPU
I DUAL INSTRUCTION SET, JAVACARD™
AND NATIVE
I 4-STAGE PIPELINE
I 16 GENERAL PURPOSE 32-BIT REGISTERS,
AND 11 SPECIAL REGISTERS
I 4 MASKABLE INTERRUPT LEVELS
I SUPERVISOR AND USER MODES
SECURITY
I CPU SECURITY INSTRUCTIONS
– DES and 3DES instructions
– Fast Multiply and Accumulate instructions for
Public Key and Elliptic Curve Cryptography
I CPU DPA/SPA COUNTERMEASURES
I RANDOM NUMBER GENERATOR
I HARDWARE RAM DESTRUCTION
I CLOCK AND POWER MANAGEMENT
I VOLTAGE AND CLOCK FREQUENCY
SENSORS
I ADVANCED MEMORY PROTECTION
– Memory Protection Unit for application
firewalling and peripheral access control
– Domain switching securely controlled by
protected Context Stack
– Native/Java, Code/Data memory attributes
with 256-byte granularity for Page-Flash, and
8-Kbyte granularity for Flash and ROM
– Each FLASH sector can be independently set
as read-only
I FOUR WORKING STACKS
– Java stack with both 16 and 32-bit accesses
– User and Supervisor mode stacks
– Security Context stack
Figure 1. Delivery Form
CRYPTOGRAPHIC LIBRARY
I ASYMMETRICAL ALGORITHMS
– Software Crypto libraries in separate ROM
area for efficient algorithm coding using a set
of advanced functions. RSA, signature/
verification
– RSA key calculation including Prime number
generation SHA-1
I SYMMETRICAL ALGORITHMS
– DES, Triple DES, AES
CRYPTOGRAPHY PERFORMANCE
The following table provides the cryptographic
performances of the ST22FJ1M based on ST
Crypto Library.
Table 1. Preliminary Cryptographic
Performances
Note: 1) Internal clock at 33 MHz
Note: 2) CRT: Chinese Reminder Theorem
Algorithm
Function
Time 1)
RSA
1024 bits
Signature with CRT
79.0 ms
Signature without CRT 2)
242.0 ms
Verification (e=0x10001)
3.6 ms
RSA
2048 bits
Signature with CRT
485.0 ms
Signature without CRT
1.7 s
Verification (e=0x10001)
11.0 ms
DES
Triple
18 µs
Single
8 µs
SHA-1
512-bit Block
194 µs
AES-128
Encryption including subkey
computation
85 µs
Micromodule
Wafer


Similar Part No. - ST22FJ1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST22 ETC-ST22 Datasheet
155Kb / 1P
DO-35 Case
logo
Vishay Siliconix
ST220-100T4KI VISHAY-ST220-100T4KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2KI VISHAY-ST220-50T2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST22FJ1M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19SF32 STMICROELECTRONICS-ST19SF32 Datasheet
27Kb / 2P
Smartcard MCU With 32 KBytes EEPROM
logo
Hynix Semiconductor
GDC21D601 HYNIX-GDC21D601 Datasheet
4Mb / 189P
32-Bit RISC MCU
logo
STMicroelectronics
ST22N256 STMICROELECTRONICS-ST22N256 Datasheet
95Kb / 8P
Smartcard 32-Bit RISC MCU with 256 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
Jun-2004
ST22L128 STMICROELECTRONICS-ST22L128 Datasheet
86Kb / 7P
Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes EEPROM, Javacard HW Execution & Cryptographic Library
Sep-2004
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
Oct-2004
ST22N144 STMICROELECTRONICS-ST22N144 Datasheet
90Kb / 7P
Smartcard 32-Bit RISC MCU with 144 Kbytes EEPROM Javacard HW Execution & Cryptographic Library
Oct-2004
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
16/32-Bit RISC Flash Microcontroller
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
12-bit ADC 8 - bit RISC FLASH FLASH MCU
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com