Electronic Components Datasheet Search
  English  ▼

X  

ST22FJ1M Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST22FJ1M
Description  Smartcard 32-Bit RISC MCU with 1 Mbytes FLASH & Javacard??HW Execution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22FJ1M Datasheet(HTML) 3 Page - STMicroelectronics

  ST22FJ1M Datasheet HTML 1Page - STMicroelectronics ST22FJ1M Datasheet HTML 2Page - STMicroelectronics ST22FJ1M Datasheet HTML 3Page - STMicroelectronics ST22FJ1M Datasheet HTML 4Page - STMicroelectronics ST22FJ1M Datasheet HTML 5Page - STMicroelectronics ST22FJ1M Datasheet HTML 6Page - STMicroelectronics ST22FJ1M Datasheet HTML 7Page - STMicroelectronics ST22FJ1M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
ST22FJ1M
DESCRIPTION
The ST22FJ1M is a member of the SmartJ™ plat-
form using a 32-bit Reduced Instruction Set Com-
puter (RISC) core to execute both Native RISC
instructions and JavaCard™ 2.x Technology in-
struction (byte codes) directly.
Direct JavaCard™ byte code execution provides
high performance advantage over processors that
emulate the JavaCard™ byte code instruction set.
– The product features a 24-bit wide linear ad-
dressing capability and includes 768 Kbytes of
User Flash, 16 KBytes of User RAM, 16 Kbytes
of User secondary RAM, and 256 KBytes of
User Page-Flash.
– The Flash memory is organized in 12 sectors of
64 Kbytes each, with 8 Kbytes sub-sectors.
Each sector can be erased in 1.5 s typical. All
32-bit words are programmed in 100 µs typical
in User mode.
One of the Flash sector is reserved by the HSI
for saving data, when modifying a sector.
The Page-Flash memory is organized in 128
sub-sectors of 2 Kbytes each. Each sub-sector
can be erased in 50 ms typical. All 32-bit words
are programmed in 200 µs typical in User mode.
The secondary RAM memory can be used as a
regular RAM, or dynamically mapped to the ad-
dress of any of the 96 Flash sub-sectors, or
mapped to two consecutive Flash sub-sectors.
This memory can be used to speed-up process-
ing and decrease power consumption.
– The product includes a fast and secure Flash
loader. The OS code is received from the OS
manufacturer in an encrypted form, and
decrypted on-chip before programming the
Flash.
Memory and Peripheral accesses are controlled
by a Memory Protection Unit that allows to imple-
ment firewalls between applications.
Memories are accessed via two different buses,
allowing simultaneous accesses to code and data.
Memory load and stores can be performed at byte,
short (2-bytes), or word (4-bytes) granularity, with
optional pointer auto increment.
The ST22 core includes dedicated DES instruc-
tions for Secret Key cryptography, a fast Multiply
and Accumulate instruction for Public Key cryptog-
raphy (RSA) and Elliptic Curve cryptography. The
ST22 core also includes specific instructions for
security.
The product has clock and power management, 2
User configurable Timers, a Central Interrupt Con-
troller and a Random Number Generator.
Figure 2. SmartJ™ Platform FLASH Architecture
ST ROM
FLASH
RAM
PERIPHERALS
BUS 2
BUS 1
POWER MNGT.
CLOCK MNGT.
ISO
7816
SCP 160b/PRZ
32-bit
RISC
CORE
P-FLASH
SECONDARY
RAM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com