Electronic Components Datasheet Search
  English  ▼

X  

VSC880 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC880
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC880 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 7
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Where:
B[1:0]00=Undefined (during normal operation) or alignment word
01=Flow control channel,
10=Flow control channel,
11=Acknowledge (from switch chip only) or link initialization reset or cell clock in cell mode
C[4:0]Command type
00XXX=Link Control (00000=ALIGN word, 00111=IDLE word)
01XX0=Command word for transceiver (01000=set DLYEN/CCKIN value)
10XX0=Command word for switch
11XX0=Command word for receiving port card (TBD)
D[15:0]Optional data payload
Default=1010101010101010
IDLE Word from switch=Current switch outputs this port is connected to
D[15] is for port 0, D[0] is for port 15
If C[4:0]=01000, D[3:0]=DLYEN/CCKIN value
1.2.3 IDLE Words
IDLE words are the default word used on the serial channel when none of the other word types are present. In
most cases, these words are automatically generated by the transceiver or switch chip. In Packet Mode, IDLE words
are inserted between packets and the IDLE word from the switch always returns the current output connections for
the port that is receiving the IDLEs. These connection bits will be in the same location as in the CRQ word. In cell
mode, IDLEs will be transmitted from the switch chip if the force IDLE (FI) bit is set in the control registers. IDLE
words are also used to detect link error conditions. If the switch chip detects an IDLE word, it uses a bit mask to ver-
ify the proper bit pattern within the word.
1.3 Loopback
The VSC880 supports a loopback function at the serial interfaces which is used in built-in self-test mode. If the
BSTLPBK signal is set HIGH and TESTEN is set LOW, the serial transmit data is looped back to the serial receive
side for all 16 channels. If the BSTLPBK signal is set HIGH and TESTEN is set HIGH, the serial transmit data is
looped back to the serial receive side for channels 0-7 only. If the FACLPBK signal is set HIGH, the serial receive
signal is looped back to the serial output for all 16 channels. Each channel can also be programmed to be looped back
separately from serial input to serial output by using the control registers described below. The VSC880 does not
support simultaneous BIST and facilty loopback functions (either FACLPBK pin or LPBK[15:0] register).
1.4 Internal Register Definitions
The internal status and control registers are defined in the following table. The address signal ADDR[5:0] is used
along with CSEL and CWEN to read or write data through the CDATA[7:0] interface. CWEN is set LOW to write
and HIGH to read from this port. If CSEL is HIGH, the outputs become high impedance and the inputs become
33 32
31 30 29
28 27 26 25 24
23 22 21 20
19 18 17 16
15 14 13 12
11 10 09 08
07 06 05 04
03 02 01 00
0 0
1 B B
1 0
C C C C C
04 03 02 01 00
D D D D
15 14 13 12
D D D D
11 10 09 08
D D D D
07 06 05 04
D D D D
03 02 01 00
1 0 1 0
1 0 1 0
-- Command --
-- Data --



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com