Electronic Components Datasheet Search
  English  ▼

X  

VSC880 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC880
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC880 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC880 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 1
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
VSC880 Block Diagram
• 16x16 Synchronous Serial Crosspoint Switch
• Serial Data Rates: 2.0Gb/s
• 32Gb/s Aggregate Data Bandwidth
• Parallel Switches Can Increase Data Bandwidth in
Multiples of 32Gb/s
• Designed in Conjunction with the VSC870
Backplane Transceiver
• Automatic Word and Cell Synchronization to the
Transceiver
• Two Modes of Operation: Distributed Control
Self-routing Packet Mode and Central Control
Cell Mode
• Multicast Supported in All Modes
• Supports Variable Length Packets in Packet
Mode
• Built-in Flow Control Channel in Packet Mode
• Supports Cell Synchronization in Cell Mode
• Parallel CPU Interface and Parallel Switch
Configuration Interface
• Loopback, Built-in Self Test and Scan Functions
• 5V Tolerant TTL Inputs
• Dual 3.3V/2.5V or Dual 3.3V/2.0V Power
Supplies
• Serial Port Quadrants Can be Powered Down
• Available in 304 BGA Package
Serial
to
Parallel
Parallel
to
Serial
DRU
Port
Logic
Serial Port (16x)
Arbitration Logic
and Switch Control
CMU
Clock
Gen
Switch Matrix
TXS+/TXS-
RXS+/RXS-
WCLK
CCLK
CMODE
RESET
TESTEN
SCANIN
SCANOUT
INT
CDATA[7:0]
ADDR[5:0]
CWEN
CEN
TCLKEN
RESYNEN
BSTEN
BSTRST
BSTPASS
DATA[15:0]
CSEL
REFCLK
MEN
FI[3:0]
WEN
Status and
Control Registers
BIST Logic
BSTLPBK
FACLPBK
Registers
LOCKDET
VSCOPNC
VSCTE
VSCIPNC


Similar Part No. - VSC880

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC882 VITESSE-VSC882 Datasheet
444Kb / 2P
80 Gb/s Intelligent Switch Fabric
More results

Similar Description - VSC880

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8015 TRIQUINT-TQ8015 Datasheet
173Kb / 8P
1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
16x16 Video Crosspoint
June 12, 2006
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
16x16 Video Crosspoint
February 7, 2007
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
16x16 Video Crosspoint
April 13, 2011
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
16x16 Video Crosspoint
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
16x16 Crosspoint Switches
7/2016-Rev. B to Rev. C
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
16x16 Buffered Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com