Electronic Components Datasheet Search
  English  ▼

X  

MAX5035 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5035
Description  fully assembled and tested surface-mount printed circuit board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5035 Datasheet HTML 1Page - Maxim Integrated Products MAX5035 Datasheet HTML 2Page - Maxim Integrated Products MAX5035 Datasheet HTML 3Page - Maxim Integrated Products MAX5035 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX5035 evaluation kit (EV kit) is a fully assembled
and tested surface-mount printed circuit board (PCB)
that contains a step-down DC-DC switching-regulator
circuit. The circuit utilizes a MAX5035 adjustable con-
verter configured for a 5V output and provides up to 1A
of current. The converter operates from a wide input
range of 8V to 76V.
The MAX5035 MAXPower IC features a built-in high-
side switch and an automatic pulse-skipping mode
operation. The MAX5035 EV kit demonstrates low qui-
escent current and high efficiency up to 92%. The
MAX5035 MAXPower IC switches at 125kHz.
Warning: The MAX5035 EV kit is designed to operate
with high voltages. Dangerous voltages are present on
this EV kit and on equipment connected to it. Users
who power up this EV kit or power the sources connect-
ed to it must be careful to follow appropriate safety pro-
cedures when working with high-voltage electrical
equipment.
Under severe fault or failure conditions, this EV kit may
dissipate large amounts of power, which could result in
the mechanical ejection of a component or of compo-
nent debris at high velocity. Operate this EV kit with
care to avoid possible personal injury.
Features
♦ 8V to 76V Input Voltage Range
♦ 5V Output at Up to 1A
♦ 92% Efficiency
♦ Adjustable Output Voltage Through Resistive
Voltage-Divider
♦ No Load Quiescent Current:
794µA at VIN = 76V
582µA at VIN = 42V
392µA at VIN = 12V
♦ 125kHz Switching Frequency
♦ Automatic Pulse-Skipping Mode
♦ Fully Assembled and Tested
MAX5035 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-3076; Rev 1; 1/07
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
IC-PACKAGE
MAX5035EVKIT
0°C to +70°C
8 SO
DESIGNATION QTY
DESCRIPTION
C1
1
68µF ±20%, 100V electrolytic
capacitor (12.5 x 13.5)
Panasonic EEVFK2A680Q
C2
1
68µF ±20%, 10V tantalum capacitor (C)
AVX TPSD686M010R0100 (0.100 ESR)
or
Vishay 594D686X0010C2T (0.1 ESR)
C3, C4
2
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
TDK C1608X7R1H104K
C5
0
Not installed, capacitor (0805)
C6
1
0.2µF ±10%, 100V X7R ceramic
capacitor (1206)
AVX 12061C224KAZ
DESIGNATION QTY
DESCRIPTION
D1
1
80V, 5A Schottky diode (D0-204AR)
International Rectifier 50SQ080
L1
1
100µH, 1.8A inductor
Coilcraft, Inc. DO5022P-104
R1
1
41.2k
Ω ±1% resistor (0805)
R2
1
13.3k
Ω ±1% resistor (0805)
R3
1
130k
Ω ±1% resistor (0805)
R4
0
Not installed, resistor (0805)
R5
1
45.3k
Ω ±1% resistor (0603)
U1
1
MAX5035DUSA (8-pin SO)
JU1
1
3-pin header
—1
Shunt (JU1)
—1
PCB: MAX5035 evaluation kit


Similar Part No. - MAX5035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035 Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5035 MAXIM-MAX5035 Datasheet
288Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5035AASA MAXIM-MAX5035AASA Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5035AASA MAXIM-MAX5035AASA Datasheet
288Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results

Similar Description - MAX5035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1702EVKIT MAXIM-MAX1702EVKIT Datasheet
166Kb / 5P
fully assembled and tested surface-mount circuit board
Rev. 0; 7/02
MAX1685EVKIT MAXIM-MAX1685EVKIT Datasheet
80Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 0; 4/99
MAX774EVKIT MAXIM-MAX774EVKIT Datasheet
793Kb / 3P
fully assembled and tested surface-mount printed circuit board Evaluation Kit
Rev 0; 1/94
MAX5092EVKIT MAXIM-MAX5092EVKIT Datasheet
169Kb / 8P
fully assembled and tested surface-mount printed-circuit board
Rev 0; 10/07
MAX5090EVKIT MAXIM-MAX5090EVKIT Datasheet
116Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5026EVKIT MAXIM-MAX5026EVKIT Datasheet
146Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 1; 9/03
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
fully assembled and tested printed circuit board
Rev 3; 2/07
MAX1724EVKIT MAXIM-MAX1724EVKIT Datasheet
168Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 1; 5/05
MAX1200EVKIT MAXIM-MAX1200EVKIT Datasheet
168Kb / 12P
Fully Assembled and Tested Surface-Mount Board
Rev 1; 11/98
MAX4233EVKIT MAXIM-MAX4233EVKIT Datasheet
137Kb / 5P
Fully Assembled and Tested Surface-Mount Board
Rev 0; 1/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com