Electronic Components Datasheet Search
  English  ▼

X  

MAX5035 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5035
Description  fully assembled and tested surface-mount printed circuit board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5035 Datasheet HTML 1Page - Maxim Integrated Products MAX5035 Datasheet HTML 2Page - Maxim Integrated Products MAX5035 Datasheet HTML 3Page - Maxim Integrated Products MAX5035 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Evaluating Other Output Voltages
The MAX5035 step-down DC-DC switching regulator
output is set to 5V by feedback resistors R1 and R2. To
generate output voltages other than 5V (1.25V to 12V),
select different external voltage-divider resistors for R1
and R2. Refer to the Setting the Output Voltage section
in the MAX5035 data sheet for instructions on selecting
the resistors. The minimum input voltage for a given
output voltage is maximum duty-cycle dependent for
that input voltage. Refer to the MAX5035 data sheet for
additional information.
Startup Delays/
Sequencing Two DC-DC Converters
The MAX5035 EV kit can be configured for various
startup delays. To evaluate a startup delay, cut open
the PCB trace shorting resistor R4 and install the
desired surface-mount resistor (0805 case). Capacitor
C5 (0805 case) must also be selected and installed.
Refer to the MAX5035 data sheet’s Shutdown Mode
and Undervoltage Lockout (UVLO) sections to select
values for resistor R4 and capacitor C5.
The MAX5035 EV kit’s startup delay can also be utilized
to sequence two MAX5035 EV kits. Components
R4EVKIT1, R4EVKIT2, C5EVKIT1 and C5EVKIT2 determine
the startup delay between the two EV kits. The following
equation can be used to select values for R4 and C5:
where Time_delay is the desired startup delay time,
VSHUT_DOWN is the desired startup voltage at the SHDN
pad on the EV kit and 1.69V (typ) is the on/off threshold
voltage of the MAX5035.
C
Time delay
Rx
V
VSHUT DOWN
5
41
169
=
−−
_
ln
.
_
MAX5035 Evaluation Kit
_______________________________________________________________________________________
3
JU1
1
2
3
R4
SHORT
PC TRACE
R3
130k
Ω
1%
VIN
SHDN
R5
45.3k
Ω
1%
C5
OPEN
VIN
GND
C1
68
µF
100V
C6
0.22
µF
100V
C4
0.1
µF
R2
13.3k
Ω
1%
MAX5035
U1
SHDN
SGND
VIN
VD
GND
BST
FB
LX
1
4
8
6
5
3
7
2
GND
VOUT
R1
41.2k
Ω
1%
C3
0.1
µF
L1
100
µH
D1
C2
68
µF
10V
Figure 1. MAX5035 EV Kit Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com