Electronic Components Datasheet Search
  English  ▼

X  

VSP2265GSJR Datasheet(PDF) 63 Page - Texas Instruments

Part # VSP2265GSJR
Description  CCD Signal Processor with Timing Generator for Digital Cameras
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2265GSJR Datasheet(HTML) 63 Page - Texas Instruments

Back Button VSP2265GSJR Datasheet HTML 59Page - Texas Instruments VSP2265GSJR Datasheet HTML 60Page - Texas Instruments VSP2265GSJR Datasheet HTML 61Page - Texas Instruments VSP2265GSJR Datasheet HTML 62Page - Texas Instruments VSP2265GSJR Datasheet HTML 63Page - Texas Instruments VSP2265GSJR Datasheet HTML 64Page - Texas Instruments VSP2265GSJR Datasheet HTML 65Page - Texas Instruments VSP2265GSJR Datasheet HTML 66Page - Texas Instruments VSP2265GSJR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
Timing Specification
60
SLES056—December 2002
VSP2265
4.19 Vertical Rate Timing (for 2A CCD) [
×2 monitor mode—e-zoom function]
CH1, 3
SUB
H1
H2
STO
CH2, 4
† Internal Use
‡ External Input
ΦV1
ΦV2
ΦV3
ΦV4
High-Speed Transfer 640 Lines, 187 kHz
High-Speed Transfer EZ
≤640 Lines, 187 kHz
NOTE: After readout, number (EZ) of lines high-speed transfer and CCD output line address, (If EZ/2 = even, Z = EZ/4–1)
×8+3.
If EZ/2=odd, Z = (EZ–2)2)
HD}
VD}
PBLK{
CPOB{
Data Latch{
CLPD{
CCD_OUT}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com