Electronic Components Datasheet Search
  English  ▼

X  

VSP2265GSJR Datasheet(PDF) 13 Page - Texas Instruments

Part # VSP2265GSJR
Description  CCD Signal Processor with Timing Generator for Digital Cameras
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2265GSJR Datasheet(HTML) 13 Page - Texas Instruments

Back Button VSP2265GSJR Datasheet HTML 9Page - Texas Instruments VSP2265GSJR Datasheet HTML 10Page - Texas Instruments VSP2265GSJR Datasheet HTML 11Page - Texas Instruments VSP2265GSJR Datasheet HTML 12Page - Texas Instruments VSP2265GSJR Datasheet HTML 13Page - Texas Instruments VSP2265GSJR Datasheet HTML 14Page - Texas Instruments VSP2265GSJR Datasheet HTML 15Page - Texas Instruments VSP2265GSJR Datasheet HTML 16Page - Texas Instruments VSP2265GSJR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Theory of Operation
9
SLES056—December 2002
VSP2265
An on-chip V-rate timing generator creates all the signals that are required for specific CCD image sensors.
The TG contains the line and pixel counters used to generate V-rate timing. Figure 2–2 is the block diagram
of the line and pixel counter circuit. A maximum 2047 lines and 4095 pixels per line are supported in time scale.
Decoder
H[10:0]
P[12:0]
RST
Line Counter
(MAX 2047 lines)
clk
VD
13 Bit
RST
Pixel Counter
(MAX 4095 Pixels)
clk
11 Bit
F/F
F/F
SYSRST
HD
MCLK
Figure 2–2. VSP2265 Line and Pixel Counter Block Diagram
Figure 2–4 shows a V-rate timing generator block diagram. By one H (horizontal line) before CCD readout,
serial data transfer must be completed by the user, and data must be loaded in the registers containing CCD
model, operation mode, integration time, and electronic zoom area information. Just before CCD readout,
information in the registers is supplied automatically to the decoder, which generates the V-rate signal using
line counter and pixel counter data. Not only the signals used for the CCD, but also the strobe light control
signal is supported. CPOB, CLPD, and PBLK can select either the internal generation mode or the external
supply mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com