Electronic Components Datasheet Search
  English  ▼

X  

CMD293 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD293
Description  20-45 GHz Driver Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD293 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD293 Datasheet HTML 1Page - Qorvo, Inc CMD293 Datasheet HTML 2Page - Qorvo, Inc CMD293 Datasheet HTML 3Page - Qorvo, Inc CMD293 Datasheet HTML 4Page - Qorvo, Inc CMD293 Datasheet HTML 5Page - Qorvo, Inc CMD293 Datasheet HTML 6Page - Qorvo, Inc CMD293 Datasheet HTML 7Page - Qorvo, Inc CMD293 Datasheet HTML 8Page - Qorvo, Inc CMD293 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CMD293
20-45 GHz Driver Amplifier
Data Sheet | February 17, 2021 | Subject to change without notice
1 of 14
www.qorvo.com
®
Product Overview
The CMD293 is a wideband medium power GaAs MMIC
driver amplifier ideally suited for military, space and
communications systems where small size and high
linearity are needed. At 30 GHz the device delivers 20 dB
of gain with a corresponding output 1 dB compression point
of +26 dBm and noise figure of 6 dB. The CMD293
integrates a temperature compensated RF power detection
circuit that enables power detection at 0.7 V/W at 30 GHz.
The device is a 50 ohm matched design which eliminates
the need for external DC blocks and RF port matching. The
CMD293 offers full passivation for increased reliability and
moisture protection.
Key Features
• Wideband Performance
• High Gain
• High Linearity
• Integrated RF Power Detector
• AMMC-6345 Replacement
• Small Die Size
Functional Block Diagram
Ordering Information
Part No.
Description
CMD293
Gel Pack Qty=25, MOQ=100
Electrical Performance (Vdd = 5.0 V, Idd = 480 mA, TA = 25o C, F = 30 GHz)
Parameter
Min
Typ
Max
Units
Frequency Range
20 - 45
GHz
Gain
20
dB
Noise Figure
6
dB
Input Return Loss
20
dB
Output Return Loss
25
dB
Output P1dB
26
dBm
Output IP3
31.5
dBm
Supply Current
480
mA
Vgg1
Vdd1
Vdet
Vgg2
Vdd2
Vref
RFIN
RFOUT


Similar Part No. - CMD293

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
20-45 GHz Driver Amplifier
More results

Similar Description - CMD293

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
20 - 45 GHz Driver Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
32 - 45 GHz Wide Band Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345 Datasheet
520Kb / 10P
20 - 45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
20-45 GHz GaAs Amplifier
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
20-GHz to 45-GHz GaAs Amplifier
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
20 ??45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com