Electronic Components Datasheet Search
  English  ▼

X  

CMD293 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD293
Description  20-45 GHz Driver Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD293 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD293 Datasheet HTML 1Page - Qorvo, Inc CMD293 Datasheet HTML 2Page - Qorvo, Inc CMD293 Datasheet HTML 3Page - Qorvo, Inc CMD293 Datasheet HTML 4Page - Qorvo, Inc CMD293 Datasheet HTML 5Page - Qorvo, Inc CMD293 Datasheet HTML 6Page - Qorvo, Inc CMD293 Datasheet HTML 7Page - Qorvo, Inc CMD293 Datasheet HTML 8Page - Qorvo, Inc CMD293 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CMD293
20-45 GHz Driver Amplifier
Data Sheet | February 17, 2021 | Subject to change without notice
2 of 14
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage, Vdd
5.5 V
RF Input Power
+23 dBm
Channel Temperature, Tch
150° C
Power Dissipation, Pdiss
3.346 W
Thermal Resistance, QJC
19.43° C/W
Operating Temperature
-55 to 85° C
Storage Temperature
-55 to 150° C
Exceeding any one or combination of the maximum ratings may cause
permanent damage to the device.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vdd
3.0
5.0
5.25
V
Idd
480
mA
Vgg
-0.45
V
Electrical performance is measured at specific test conditions.
Electrical specifications are not guaranteed over all recommended
operating conditions.
Electrical Specifications (Vdd = 5.0 V, Idd = 480 mA, TA = 25o C)
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
20 - 24
24 - 34
34 - 45
GHz
Gain
17.5
20.5
16
20
14.5
21
dB
Noise Figure
6
5.75
6
dB
Input Return Loss
13
18
17
dB
Output Return Loss
25
20
15
dB
Output P1dB
21
25
22.5
26
20.5
24
dBm
Output IP3
32
31.5
30.5
dBm
Supply Current
480
560
480
560
480
560
mA
Gain Temperature Coefficient
0.04
0.04
0.04
dB/°C
Noise Figure Temp. Coefficient
0.015
0.015
0.015
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com