Electronic Components Datasheet Search
  English  ▼

X  

WSF3055 Datasheet(PDF) 6 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3055
Description  Motor Control. Protable equipment application.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3055 Datasheet(HTML) 6 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Back Button WSF3055 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 10Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P Channel Electrical Characteristics (T= 25°C unless otherwise noted)
Min.
Typ.
Max.
BVDSS Drain-Source Breakdown Voltage
-30
-
-
V
--
-1
TJ=85°C
-
-
-30
VGS( th) Gate Threshold Voltage
-1.3
-1.8
-2.3
V
IGSS
Gate Leakage Current
-
-
±100
nA
-11
14
mΩ
-15
20
mΩ
VSD
d
Diode Forward Voltage
-
-0.75
-1
V
trr
Reverse Recovery Time
-
17
-
ns
Qrr
Reverse Recovery Charge
-
9
-
nC
RG
Gate Resistance
-
12
-
Ω
Ciss
Input Capacitance
-
750
975
Coss
Output Capacitance
-
142
-
Crss
Reverse Transfer Capacitance
-
102
-
td(ON)
Turn-on Delay Time
-
9
17
tr
Turn-on Rise Time
-
11
20
td( OFF) Turn-off Delay Time
-
55
99
tf
Turn-off Fall Time
-
34
62
Qg
Total Gate Charge
-
17
24
Qgth
Threshold Gate Charge
-
1
-
Qgs
Gate-Source Charge
-
2
-
Qgd
Gate-Drain Charge
-
4
-
Note e:Guaranteed by design, not subject to production testing.
VDS=-15V, VGS=-4.5V, IDS=-
7.0A
-8
-
Total Gate Charge
Qg
nC
VDS=-15V, VGS=-10V, IDS=-
7.0A
VDS=-24V,
VGS=0V
Note d:Pulse test ; pulse width ≤300μs, duty cycle≤2%.
VGS=0V, VDS=-15V,
Frequency=1.0MHz
pF
VDD=-15V, RL=15 , I
  DS
=-1A,
VGEN =-10V, RG =6 
ns
Gate Charge Characteristics e
Diode Characteristics
ISD=-1A, VGS=0V
ISD=-7.0A,
dlSD/dt=100A/μs
Dynamic Characteristics e
VGS=0V,VDS=0V,f=1MHz
VDS=VGS, IDS=-250μA
VGS=±20V, VDS=0V
RDS(ON)
d Drain-Source On-state
Resistance
VGS=-10V, IDS=-7A
VGS=-4.5V, IDS=-4A
Static Characteristics
VGS=0V, IDS=-250μA
IDSS
Zero Gate Voltage Drain Current
A
 
Symbol Parameter
Test Conditions
P Channel
Unit
WSF3055
N-Ch and P-Channel MOSFET
Page 6
www.winsok.tw
Rev1.0 May.2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com