Electronic Components Datasheet Search
  English  ▼

X  

WSF3055 Datasheet(PDF) 9 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3055
Description  Motor Control. Protable equipment application.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3055 Datasheet(HTML) 9 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Back Button WSF3055 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3055 Datasheet HTML 10Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Drain-Source On Resistance
T
J- Junction Temperature (°C)
-V
SD - Source - Drain Voltage (V)
Source-Drain Diode Forward
-V
DS - Drain - Source Voltage (V)
Capacitance
Gate Charge
Q
G - Gate Charge (nC)
P Channel Typical Operating Characteristics (Cont.)
-50 -25
0
25
50
75 100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
R
ON@Tj=25
oC: 24mW
V
GS = -10V
I
DS = -7A
0.0
0.3
0.6
0.9
1.2
1.5
0.1
1
10
30
T
j=150
oC
T
j=25
oC
0
5
10
15
20
25
0
100
200
300
400
500
600
700
800
900
1000
1100
Frequency=1MHz
Crss
Coss
Ciss
0
3
6
9
12
15
18
0
1
2
3
4
5
6
7
8
9
10
V
DS=-15V
I
DS=-7A
WSF3055
N-Ch and P-Channel MOSFET
Page 9
www.winsok.tw
Rev1.0 May.2020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com