Electronic Components Datasheet Search
  English  ▼

X  

WSF30150 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF30150
Description  Battery protection, Load switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF30150 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF30150 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30150 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30150 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30150 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF30150 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings (TC=25
℃ unless otherwise specified)
Symbol
Parameter
Steady State
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
110
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
68
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
19
A
ID@TA=70℃
Continuous Drain Current, VGS @ 10V1
16
A
IDM
Pulsed Drain Current2
192
A
EAS
Single Pulse Avalanche Energy3
144.7
mJ
IAS
Avalanche Current
53.8
A
PD@TC=25℃
Total Power Dissipation4
62.5
W
PD@TA=25℃
Total Power Dissipation4
2.42
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJA
Thermal Resistance Junction-Ambient 1 (t
≤10s)
25
℃
/W
RθJC
Thermal Resistance Junction-Case1
2.4
℃
/W
BVDSS
RDSON
ID
30V
2.3mΩ
110A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
Load Switch
TO
-252 Pin Configuration
Product Summery
WSF30150
N-Ch MOSFET
Page 1
www.winsok.tw
Rev 2: May.2019
The WSF30150 is the highest performance
trench N-ch MOSFET with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the synchronous buck
converter applications .
The WSF30150 meet the RoHS and
Green Product requirement , 100% EAS
guaranteed with full function reliability
approved.


Similar Part No. - WSF30150

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF30100 WIINSOK-WSF30100 Datasheet
806Kb / 5P
N-Ch MOSFET
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
N-Ch and P-Channel MOSFET
WSF3013 WIINSOK-WSF3013 Datasheet
700Kb / 10P
N-Ch and P-Channel MOSFET
WSF30160 WIINSOK-WSF30160 Datasheet
928Kb / 5P
N-Ch MOSFET
More results

Similar Description - WSF30150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR6225PBF IRF-IRLR6225PBF Datasheet
301Kb / 8P
Battery Protection Switch
IRLH6224PBF IRF-IRLH6224PBF Datasheet
256Kb / 9P
Battery Protection Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
Load switch for battery application
logo
Shenzhen Guan Hua Wei Y...
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
Load switch. Battery protection.
WSD4080DN56 WIINSOK-WSD4080DN56 Datasheet
1Mb / 5P
Battery protection Load switch
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
Battery protection Load switch
WSD3075DN56 WIINSOK-WSD3075DN56 Datasheet
2Mb / 5P
Battery protection Load switch
WSD1614DN WIINSOK-WSD1614DN Datasheet
1Mb / 6P
Battery protection Load switch
WSD14N10DN WIINSOK-WSD14N10DN Datasheet
2Mb / 5P
Battery protection Load switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com