Electronic Components Datasheet Search
  English  ▼

X  

ABC800 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC800
Description  Convection or Forced Air Cooling
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC800 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC800 Datasheet HTML 1Page - Bel Fuse Inc. ABC800 Datasheet HTML 2Page - Bel Fuse Inc. ABC800 Datasheet HTML 3Page - Bel Fuse Inc. ABC800 Datasheet HTML 4Page - Bel Fuse Inc. ABC800 Datasheet HTML 5Page - Bel Fuse Inc. ABC800 Datasheet HTML 6Page - Bel Fuse Inc. ABC800 Datasheet HTML 7Page - Bel Fuse Inc. ABC800 Datasheet HTML 8Page - Bel Fuse Inc. ABC800 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ABC800 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01018_B
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Neutral
Earth
TE Connectivity: NC6-P107-03
DC Output
Connector
J2
J2-A
J2-B
+VE
-VE
6-32 inches Screw Pan HD
Mating: Designed to accept Ring Tongue Terminal AMP: 8-31886-1,
wherein one 16 AWG (max) wire can be crimped.
Note: One Ring Tongue Terminal with 16 AWG is recommended for
current up to 11 A only.
Use multiple tongue terminals with wire for more current.
Signal Connector
J3
6
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
Pin 9
Pin 10
GND
5V AUX
PGPF
VS –
VS +
GND
RMT
CL2
CL1
LS
Molex: 22-23-2101
Mating: 22-01-2107; Pins: 08-50-0113
Fan Output
7
J10, J11
Pin 1
Pin 2
+VE
-VE
TE Connectivity AMP Connectors
Description: CONN HEADER VERT 2 POS 2.54 mm,
MPN: 640456-2
Mating: 3-641535-2 / TE Connectivity AMP Connectors
or: 0022013027 / MOLEX with crimping 08-50-0114 / MOLEX
6
PSU is supplied with J3, pin-6 and pin-7 shorted to enable main output without remote on/off feature.
7
Fan supply output voltage is 12 V / 500 mA with regulation band+/-30 % and Ripple is less than 10%. To get 12 V Fan supply output voltage,
minimum 10 % load on Main output voltage is required.
Weight
1100 g
Dimensions
127 x 216 x 41 mm (5.0 x 8.5 x 1.61 inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com