Electronic Components Datasheet Search
  English  ▼

X  

ABC800 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC800
Description  Convection or Forced Air Cooling
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC800 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC800 Datasheet HTML 1Page - Bel Fuse Inc. ABC800 Datasheet HTML 2Page - Bel Fuse Inc. ABC800 Datasheet HTML 3Page - Bel Fuse Inc. ABC800 Datasheet HTML 4Page - Bel Fuse Inc. ABC800 Datasheet HTML 5Page - Bel Fuse Inc. ABC800 Datasheet HTML 6Page - Bel Fuse Inc. ABC800 Datasheet HTML 7Page - Bel Fuse Inc. ABC800 Datasheet HTML 8Page - Bel Fuse Inc. ABC800 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
The ABC800 Series of open frame power supplies feature a wide
universal AC input range of 85 – 264 VAC, offering up to 800 W of
output power with forced air cooling in a compact footprint, with a
variety of single output voltages.
The high efficiency and high power density of the ABC800 series
ensures minimal power loss in end-use equipment, thereby facilitating
higher reliability, easier thermal management and meets regulatory
approvals for environmentally-friendly end products.
These power supplies are ideal for medical, telecom, datacom,
industrial equipment and other applications.
•
5 x 8.5 x 1.61 Inch Form Factor (127 x 216 x 41 mm)
•
Convection or
Forced Air Cooling
•
Universal input
•
Current Sharing Option
•
Peak Power Capability
•
5 VDC Stand by output
•
12 V Fan output
•
Power Good / Power Fail Signal
•
Suitable in POE applications
•
Lesser than 1U high
•
High voltage output range up to 58 VDC
•
N+1 redundant power supply
•
Single wire current sharing
•
Built in OR-ing diode / FET (- R suffix)
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC800

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABC807-16-HF COMCHIP-ABC807-16-HF Datasheet
502Kb / 5P
General Purpose Transistors
REV:A
ABC807-16W-HF COMCHIP-ABC807-16W-HF Datasheet
486Kb / 5P
General Purpose Transistors
REV:A
ABC807-25-HF COMCHIP-ABC807-25-HF Datasheet
502Kb / 5P
General Purpose Transistors
REV:A
ABC807-25W-HF COMCHIP-ABC807-25W-HF Datasheet
486Kb / 5P
General Purpose Transistors
REV:A
ABC807-40-HF COMCHIP-ABC807-40-HF Datasheet
502Kb / 5P
General Purpose Transistors
REV:A
More results

Similar Description - ABC800

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-TI1OP-519-C1-R1 ATS-ATS-TI1OP-519-C1-R1 Datasheet
499Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-519-C1-R3 ATS-ATS-TI1OP-519-C1-R3 Datasheet
453Kb / 1P
Optimized for natural convection air cooling
REV1_1113
ATS-TI1OP-521-C1-R0 ATS-ATS-TI1OP-521-C1-R0 Datasheet
381Kb / 1P
Optimized for natural convection air cooling
REV1_1113
logo
Arch Electronics Corp.
MQF120U ARCH-MQF120U Datasheet
201Kb / 3P
Cooling by Free Air Convection
logo
Bel Fuse Inc.
ABC180 BEL-ABC180 Datasheet
802Kb / 7P
180 Watts with Forced Air Cooling
logo
Wall Industries,Inc.
PSLS03-16 WALL-PSLS03-16 Datasheet
743Kb / 6P
Cooling by Free Air Convection
logo
Advanced Thermal Soluti...
ATS-TI10P-521-C2-R0 ATS-ATS-TI10P-521-C2-R0 Datasheet
116Kb / 1P
Optimized for natural convection air cooling
REV3-1117
logo
Bel Fuse Inc.
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
225 W with Forced Air Cooling & 130 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
350 W with Forced Air Cooling & 200 W with Convection Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
350 W with Forced Air Cooling & 200 W with Convection Cooling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com