Electronic Components Datasheet Search
  English  ▼

X  

5B42 Datasheet(PDF) 4 Page - Analog Devices

Part # 5B42
Description  ISOLATED, PROCESS CURRENT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B42 Datasheet(HTML) 4 Page - Analog Devices

  5B42 Datasheet HTML 1Page - Analog Devices 5B42 Datasheet HTML 2Page - Analog Devices 5B42 Datasheet HTML 3Page - Analog Devices 5B42 Datasheet HTML 4Page - Analog Devices 5B42 Datasheet HTML 5Page - Analog Devices 5B42 Datasheet HTML 6Page - Analog Devices 5B42 Datasheet HTML 7Page - Analog Devices 5B42 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5B42
Rev. 0 | Page 4 of 8
Output Resistance
25
Ω
Voltage Output Protection
Continuous Short to Ground
Output Current Limit
±20 mA
Output Selection Time
6 µs to ±1 mV of Vout @ Cload = 0 to 2,000 pF
Output Enable Control3
Max Logic "0"
+0.8 V
Min Logic "1"
+2.4 V
Max Logic "1"
+36 V
Input Current "0", "1"
0.5 µA
Power Supply Voltage
+5 V dc ±5%
Power Supply Current
@ Transmitter Load of 20 mA
200 mA
@ Transmitter Load of 4 mA
100 mA
Power Supply Sensitivity, RTI
±1 µV/% of Vs
Mechanical Dimensions
2.275" x 2.375" x 0.595"
(57.8 mm x 59.1 mm x 15.1 mm)
Environmental
Temperature Range
Rated Performance
-40°C to +85°C
Operating
-40°C to +85°C
Storage
-40°C to +85°C
Relative Humidity
0 to 95% @ +60°C, non-condensing
RFI Susceptibility
±0.5% Span error @ 400 MHz, 5 Watt, 3 ft
1Includes the combined effects of repeatability, hysteresis, and nonlinearity error. Loads heavier than 50 k
Ω will degrade nonlinearity and gain temperature coefficient.
2A precision 25
Ω current-sense input resistor is internal to the 5B42 - refer to block diagram.
3The user's board layout must separate Power Common from Output Common. When the output switch is not used, connect the Enable Input to the Output Common. Output
common is connected to power common when the 5B42 is installed on a 5B Series backplane.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com