Electronic Components Datasheet Search
  English  ▼

X  

5B42 Datasheet(PDF) 3 Page - Analog Devices

Part # 5B42
Description  ISOLATED, PROCESS CURRENT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B42 Datasheet(HTML) 3 Page - Analog Devices

  5B42 Datasheet HTML 1Page - Analog Devices 5B42 Datasheet HTML 2Page - Analog Devices 5B42 Datasheet HTML 3Page - Analog Devices 5B42 Datasheet HTML 4Page - Analog Devices 5B42 Datasheet HTML 5Page - Analog Devices 5B42 Datasheet HTML 6Page - Analog Devices 5B42 Datasheet HTML 7Page - Analog Devices 5B42 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5B42
Rev. 0 | Page 3 of 8
5B42 Models Available
Model
Input Range
Output Range
5B42-01
4 mA to 20 mA
+1 V to +5 V
5B42-02
4 mA to 20 mA
+2 V to +10 V
5B42-Custom
*
*
* Custom Input/Output ranges are available.
5B42 Specifications
(typical @ +25°C and Vs = +5 V dc)
Description
Model 5B42
Input Ranges
Standard Ranges
4 mA to 20 mA (Refer to Model Table)
Custom Ranges
0 mA to 20 mA (Refer to Ordering Section)
Isolated Loop Supply Voltage
20 V @ 4 mA to 20 mA Input
Output Ranges (RL > 50 k Ω)
+1 V to +5 V; +2 V to +10 V
Accuracy1
Initial @ +25°C
±0.05% Span ±4 µA RTI
Nonlinearity
±0.01% Span
Input Offset vs. Temperature
±0.5 µV/°C
Output Offset vs. Temperature
±5 µV/°C
Gain vs. Temperature
±0.0025% of Reading/°C
Input Sense Resistor2
25
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
10 nA rms
Output, 100 kHz Bandwidth
200 µV peak-peak
Bandwidth, -3 dB
100 Hz
Output Step Rise Time, 10% to 90% Span
4 ms
Common-Mode Voltage (CMV)
Output-to-Input, Continuous
1500 V rms, maximum
Input-to-Power, Continuous
1500 V rms, maximum
Output-to-Power, Continuous3
250 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
140 dB
Normal Mode Rejection (NMR)
-3 dB @ 100 Hz (90 dB per decade > 100 Hz)
Input, Excitation, and Sense Resistor Protection
Continuous
240 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com