Electronic Components Datasheet Search
  English  ▼

X  

MICROJ Datasheet(PDF) 5 Page - ON Semiconductor

Part # MICROJ
Description  Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROJ Datasheet(HTML) 5 Page - ON Semiconductor

  MICROJ Datasheet HTML 1Page - ON Semiconductor MICROJ Datasheet HTML 2Page - ON Semiconductor MICROJ Datasheet HTML 3Page - ON Semiconductor MICROJ Datasheet HTML 4Page - ON Semiconductor MICROJ Datasheet HTML 5Page - ON Semiconductor MICROJ Datasheet HTML 6Page - ON Semiconductor MICROJ Datasheet HTML 7Page - ON Semiconductor MICROJ Datasheet HTML 8Page - ON Semiconductor MICROJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
J−Series SiPM Sensors
www.onsemi.com
5
EVALUATION BOARD OPTIONS
SMA BIASING BOARD (MicroFJ−SMA−XXXXX)
The MicroFJ−SMA is a printed circuit board (PCB) that
can facilitate the evaluation of the J-Series sensors. The
board has three female SMA connectors for connecting the
bias voltage, the standard output from the anode and the fast
output signal. The output signals can be connected directly
to a 50
W-terminated oscilloscope for viewing. The biasing
and output signal tracks are laid out in such a way as to
preserve the fast timing characteristics of the sensor.
The MicroFJ−SMA is recommended for users who
require a plug-and-play set-up to quickly evaluate J-Series
TSV sensors with optimum timing performance. The board
also allows the standard output from the anode to be
observed at the same time as the fast output. The outputs can
be connected directly to the oscilloscope or measurement
device, but external preamplification may be required to
boost the signal. The table below lists the SMA board
connections. The SMA board electrical schematics are
available to download in the AND9808/D document.
MicroFJ−SMA−XXXXX
Output
Function
Vbias
Positive bias input (cathode)
Fout
Fast output
Sout
Standard output (anode)
PIN ADAPTER (MicroFJ−SMTPA−XXXXX)
The TSV Pin Adapter board (SMTPA) is a small PCB
board that houses the TSV sensor and has through-hole pins
to allow its use with standard sockets or probe clips. This
product is useful for those needing a quick way to evaluate
the TSV package without the need for specialist
surface-mount soldering. While this is a ‘quick fix’ suitable
for many evaluations, it should be noted that the timing
performance from this board will not be optimized and if the
best possible timing performance is required, the
MicroFJ−SMA−XXXXX is recommended. The SMTPA
circuit schematic is shown in Figure 8. Please consult the
Readout and Biasing Application Note for further
information on biasing. The SMTPA board electrical
schematics are available to download in the AND9808/D.
Figure 7. Top View of the SMTPA Board
Showing the Pin Numbering
Figure 8. SMTPA Circuit Schematic
MicroFJ−SMTPA−XXXXX
Pin No.
Connection
1
Anode
2
Fast output
3
Cathode
4
Ground
5
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com