Electronic Components Datasheet Search
  English  ▼

X  

MICROJ Datasheet(PDF) 10 Page - ON Semiconductor

Part # MICROJ
Description  Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROJ Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MICROJ Datasheet HTML 4Page - ON Semiconductor MICROJ Datasheet HTML 5Page - ON Semiconductor MICROJ Datasheet HTML 6Page - ON Semiconductor MICROJ Datasheet HTML 7Page - ON Semiconductor MICROJ Datasheet HTML 8Page - ON Semiconductor MICROJ Datasheet HTML 9Page - ON Semiconductor MICROJ Datasheet HTML 10Page - ON Semiconductor MICROJ Datasheet HTML 11Page - ON Semiconductor MICROJ Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
J−Series SiPM Sensors
www.onsemi.com
10
MicroFJ−SMA−60035 Board
SIDE VIEW
TOP VIEW
BOTTOM VIEW
The complete CAD for the SMA boards can be downloaded from the website: 3 mm, 4 mm and 6 mm versions.
MicroFJ−SMTPA−60035 Board
BOTTOM VIEW
SIDE VIEW
TOP VIEW
The complete CAD for the SMTPA boards can be downloaded from the website: 3 mm and 6 mm versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com