Electronic Components Datasheet Search
  English  ▼

X  

BPD1003 Datasheet(PDF) 12 Page - Bel Fuse Inc.

Part # BPD1003
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1003 Datasheet(HTML) 12 Page - Bel Fuse Inc.

Back Button BPD1003 Datasheet HTML 7Page - Bel Fuse Inc. BPD1003 Datasheet HTML 8Page - Bel Fuse Inc. BPD1003 Datasheet HTML 9Page - Bel Fuse Inc. BPD1003 Datasheet HTML 10Page - Bel Fuse Inc. BPD1003 Datasheet HTML 11Page - Bel Fuse Inc. BPD1003 Datasheet HTML 12Page - Bel Fuse Inc. BPD1003 Datasheet HTML 13Page - Bel Fuse Inc. BPD1003 Datasheet HTML 14Page - Bel Fuse Inc. BPD1003 Datasheet HTML 15Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 12 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
Mechanical fixing shall be made via 10 screws M2.5
× 10 and
10 nuts M2.5. When mounting a back plane to a rack, fit two T
units into the H 15 female connectors on the back plane prior
to fixing the back plane to the rack. This ensures correct
positioning of the female connectors on the back plane with
respect to the given position of the male connectors of the T
units in the rack. With the back plane improperly positioned,
the connectors of the T units and the female connectors on the
back plane may be damaged. In order to maintain correct
positioning, use all the available mounting holes.
Connection to the supply system shall be made via the 6-pole
screw terminal connector X1 according to Connector Pin Allo-
cation and Mechanical Data.
The connector X1 of the back planes (class I equipment) is
provided with two protective earth terminals (
), which are
reliably connected with the protective earth pins of the connec-
tors for the T units. For safety reasons it is essential to connect
at minimum one of these terminals with the protective earth of
the supply system. Since the earth leakage current exceeds
3.5 mA, the system must be permanently connected or it must
be pluggable equipment type B according to IEC/EN 60950.
The earth connection must be performed before connecting
the supply.
To maintain good electrical connection, the AC input, earth and
signal to the terminal strip wiring should be secured, using tie
wraps, to prevent stress upon the wires and the connectors.
Refer to Mains Input Section to ensure that phase and neutral
configuration matches with the back plane and T series AC-
DC converter types. Wrong connection at the input may
damage the T series AC-DC converters as well as the back
plane. Standard back planes are designed for a 3-phase
system in Y connection with a phase to neutral voltage of 230
VAC or 120 VAC where connection to neutral is mandatory.
Integration into a 3-phase system in
∆ configuration (120/208
VAC and without connection to neutral) is only possible with LT
type converters together with the special back plane BPF1037.
For safety reasons, a mains switch for line interruption is
required.
The back plane does not provide any input fuses. The input
fuses of the T series AC-DC converters in the connection from
the L terminal are designed to protect the units in case of
overcurrent and may not be able to satisfy all customer
requirements. An external input fuse suitable for the applica-
tion and in compliance with the local requirements in the
wiring to each phase and to the neutral terminal may therefore
be necessary to ensure compliance with local requirements. A
second fuse in the wiring to each input terminal is needed if:
• Standard back planes are used in phase to phase
configuration.
• Local requirements demand an individual fuse in each
source line.
• Neutral to earth impedance is high or undefined.
• Phase and neutral of the mains are not defined or cannot be
assigned to the corresponding terminals (L to phase and N
to neutral).
Important: Do not open the modules, or guarantee will be
invalidated.
Additional Information for Installation of Battery
Charger Systems:
Reverse polarity connection of the battery may damage the
battery, the back plane(s) and the battery chargers.
Prior to putting a system into operation, check whether the
position of the cell voltage selector switch of each T Series
converter corresponds to the required battery cell voltage.
For battery maintenance please contact the battery manu-
facturer.
Exchanging a battery should always include the whole battery
bank. New batteries should be of the same type, with the
same cell voltage and temperature coefficient.
For expansion of battery systems contact the battery manufac-
turer.
For battery location and connection please refer to VDE 0510,
part 2.
In battery charger systems, safety standards demand that a
battery can be completely disconnected from the power sys-
tem including the battery system ground. Depending upon the
project specific requirements, disconnecting may either occur
by a manually operated switch with fuses, or automatically by
means of a circuit breaker.
Caution: Care should be taken during system set-up or after
maintenance when connecting a battery to the power bus of a
back plane (BPF types) fitted with fuses. The T Series
converter system with the back planes should be switched to
the mains prior to connecting the battery to the power bus,
since the reverse current from the battery into the uncharged
output capacitors of the T units and the back plane may
damage the fuses.
Make sure that there is sufficient air flow available for convec-
tion cooling. This should be verified by measuring the case
temperature of each T Series converter when the complete
back plane is installed and operated in the end-use
application. The maximum specified case temperature TCmax
of the T Series converters must not be exceeded.
Ensure that a unit failure (e.g. by an internal short-circuit) does
not result in a hazardous condition. See also Safety of
operator accessible output circuit.
Standards and Approvals
All back planes correspond to class I equipment.
They have been designed in accordance with UL 1950 and
IEC/EN 60950 standards. Safety approvals are not provided.
BPD1002 was approved according to UL60950-1 2nd Ed. A CB
scheme for BPD1002 is available.
The units have been evaluated for:
• Building in
• Basic insulation between input and earth, based upon
250 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com