Electronic Components Datasheet Search
  English  ▼

X  

BPD1003 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # BPD1003
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1003 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button BPD1003 Datasheet HTML 7Page - Bel Fuse Inc. BPD1003 Datasheet HTML 8Page - Bel Fuse Inc. BPD1003 Datasheet HTML 9Page - Bel Fuse Inc. BPD1003 Datasheet HTML 10Page - Bel Fuse Inc. BPD1003 Datasheet HTML 11Page - Bel Fuse Inc. BPD1003 Datasheet HTML 12Page - Bel Fuse Inc. BPD1003 Datasheet HTML 13Page - Bel Fuse Inc. BPD1003 Datasheet HTML 14Page - Bel Fuse Inc. BPD1003 Datasheet HTML 15Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 13 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
• Double or reinforced insulation between input and output,
based on 250 VAC
• Operational insulation between output and earth
• The use in a pollution degree 2 environment
• Connecting the input to a primary circuit with a maximum
transient rating of 2500 V (overvoltage class III based on a
110 V primary circuit, overvoltage class II based on a 230 V
primary circuit).
Troubleshooting
See also: T Series converters data sheet Functional Features.
• All T Series converters are operating, all Sys OK LEDs are
OFF.
– Sys In is not referenced to Vo–
• 3-phase AC input, Y-configuration. One T unit indicates
Error.
– single T unit failure or
– single T unit inhibit or
– single phase mains failure
• All System OK LEDs are OFF, all T units indicate Error.
– mains failure or
– all T units inhibited, e.g. battery test or less likely
– all T units have a failure
• The red Error LED of one of the T units is ON.
– T unit with Error LED ON has an overtemperature, the
output is automatically re-enabled when the temperature
drops below the limit.
• The red Error LED flickers.
– overvoltage disturbance from the mains.
• One of the T units has all LEDs OFF.
– short circuit across output of a T unit.
• All Sys OK LEDs ON, at one T unit the Uo OK LED is ON.
The remaining T unit are below the threshold level of the
power down signal with the LED Uo OK OFF.
– a fuse on the back plane damaged, relevant T unit
with Uo OK ON.
• All LEDs at the T units are OFF, mains is apparent.
– short circuit across the power bus
• Single phase AC input. Only one T unit is in operation.
– wire jumpers on mains input connector X1 not con-
nected to L2/ L3 input terminals
• All Sys Good and Uo OK LEDs are ON, no output power.
– output not connected to the system
• All T units are operating. One or several T units indicate
Error with the Uo OK LEDs OFF although the bus voltage is
present.
– Dset not referenced to Vo+
Isolation
The electric strength test is performed in the factory as routine
test in accordance with IEC/EN 60950 and EN 50514.
Important: The backplane must carry the safety covers,
which prevent from touching conductive parts. Such covers
are mounted on both sides of the printed circuit board and over
the bus bars. Removing the protection covers will provoke
danger of high voltage or high energy impact! Testing by
applying AC voltages will result in high and dangerous leakage
currents flowing through the Y-capacitors (see fig. Block
diagram of back plane).
Table 6: Isolation
Characteristic
Input to
Input to
Output to
Unit
earth
output
earth
Electric
Required according to
1.5
3.0
0.5
kVAC
strength
IEC/EN 60950
2.1
4.2
0.7
kV DC
test voltage
Actual factory test 1 s
2.8
4.2
1.4
AC test voltage equivalent
2.0
3.0
1.0
kVAC
to actual factory test
Insulation resistance at 500 VDC
>300
>300
>300
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com