Electronic Components Datasheet Search
  English  ▼

X  

APL5525KA Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5525KA
Description  DUAL CHANNEL 500mA REGULATOR - RESET IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5525KA Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5525KA Datasheet HTML 1Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 2Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 3Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 4Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 5Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 6Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 7Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 8Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Ju1., 2003
www.anpec.com.tw
2
APL5525/5526
Pin Description
PIN
No.
Name
I/O
Description
1
Cd
Delay time capacitor pin, RESET pin output delay time can be set by
the capacitor connected to the Cd pin. tPLH = 130000
∗C, tPLH :
transmission delay time (s), C:capacitor value (F)
RESET
O
Input voltage detection output pin , low = VDET<VS , high = VDET>VS
2
RESET
O
Input voltage detection output pin , high = VDET<VS , low = VDET>VS
3
VDET
I
Input pin of voltage detection.
4
VIN
I
Voltage supply input pin.
5
VOUT1
O
Regulator output pin.
6
VOUT2
O
Regulator output pin.
7
GND
GND pin
8
CONT
I
VOUT1 on/off-control pin, VOUT1 will be turn off when CONT pull to low.
Sym bol
Param eter
R ating
U n it
V IN, V OUT
Input Voltage or O ut Voltage
6
V
CO NT
V OUT1 S hutdow n C ontrol P in
6
V
V DET
R ESET Pin S upply Voltage
6
V
R TH,JA
T herm al R esistance – Junction to A m bient
SO P-8
SO P-8-P
160
80
°C/W
P D
P ow er D issipation
Internally Lim ited
W
T J
O perating Junction Tem perature
C ontrol S ection
0 to 125
°C
P ow er Transistor
0 to 150
T STG
S torage Tem perature R ange
-65 to +150
°C
T L
Lead Tem perature (S oldering, 10 second)
260
°C
Absolute Maximum Ratings
P ackage C ode
K : SO P -8
KA : SO P -8-P
Tem p. R ange
C : 0 to 70 C
Handling Code
TR : Tape & Reel
D etection Voltage :
A : 3.9V
B : 4.2V
Lead Free C ode
L : Lead Free D evice
Blank : O rginal D evice
APL5525/6 -
A PL5525/6X
XXXXX
A PL5525/6 K / KA :
X
- Detection V oltage
XXXXX - Date C ode
Handling Code
Lead Free C ode
Tem p. R ange
P ackage C ode
D etection Voltage
Ordering and Marking Information
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com