Electronic Components Datasheet Search
  English  ▼

X  

APL5525KA Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5525KA
Description  DUAL CHANNEL 500mA REGULATOR - RESET IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5525KA Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5525KA Datasheet HTML 1Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 2Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 3Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 4Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 5Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 6Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 7Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 8Page - Anpec Electronics Coropration APL5525KA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Ju1., 2003
www.anpec.com.tw
5
APL5525/5526
VOUT1
VIN
GND
RESET
APL5525/6
Cd
CONT
4.7k
Ω
VDET
COUT1
4.7
µF
(ceramic)
VOUT2
COUT2
4.7
µF
(ceramic)
0.1
µF
1
µF
RL
3.3V
2.5V
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com