Electronic Components Datasheet Search
  English  ▼

X  

8501CDPST Datasheet(PDF) 2 Page - Schneider Electric

Part # 8501CDPST
Description  Power Relay, Type C, 1.5 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 120 VAC coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8501CDPST Datasheet(HTML) 2 Page - Schneider Electric

  8501CDPST Datasheet HTML 1Page - Schneider Electric 8501CDPST Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSA
CE
Height
2.43 in (61.72 mm)
Width
2.5 in (63.50 mm)
Depth
2.25 in (57.15 mm)
Ordering and shipping details
Category
22750 - INDUSTRIAL POINT OF PURCHASE
Discount Schedule
IPOP
GTIN
00785901559337
Nbr. of units in pkg.
1
Package weight(Lbs)
2 lb(US) (0.91 kg)
Returnability
No
Country of origin
MX
Packing Units
Package 1 Height
20.32 in (51.613 cm)
Package 1 width
8.00 in (20.320 cm)
Package 1 Length
51.61 in (131.097 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel compounds, which is known
to the State of California to cause cancer, and Di-isodecyl phthalate (DIDP), which is known to the
State of California to cause birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com