Electronic Components Datasheet Search
  English  ▼

X  

8501CDPST Datasheet(PDF) 1 Page - Schneider Electric

Part # 8501CDPST
Description  Power Relay, Type C, 1.5 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 120 VAC coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8501CDPST Datasheet(HTML) 1 Page - Schneider Electric

  8501CDPST Datasheet HTML 1Page - Schneider Electric 8501CDPST Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
8501CDPST
Power Relay, Type C, 1.5 HP, 30A resistive at
300 VAC, DPST, 2 normally open contacts, 120
VAC coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 57.10 USD
Main
Product range
Power Relay 8501C
Product type
Power relay
Short name
Type C
[In] rated line current
30 A
Device application
Suited for controlling small single phase motors and other light loads
Switch function
DPST
Contact composition
2 NO
[Uc] control circuit voltage
120 V AC
Horsepower rating
1.5 hp
Maximum switching voltage
600 V AC
Complementary
Class number
8501
Phase
1 phase
Terminal connects
Screw clamp terminal
Wire range
AWG 10 copper
Terminal tightening torque
11…15 lbf.in (1.24…1.69 N.m)
Coil burden
10 VA
Mounting
Panel mounting
Environment
Ambient temperature range -
operational
-22…122 °F (-30…50 °C)
Product certifications
UL listed file E78351 CCN NLDX
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 23, 2021
1


Similar Part No. - 8501CDPST

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8501CDPDT SCHNEIDER-8501CDPDT Datasheet
163Kb / 2P
Power Relay, Type C, 1.5 HP, 30A resistive at 300 VAC, DPDT, 2 normally open and 2 normally closed contact, 120 VAC coil
Aug 23, 2021
More results

Similar Description - 8501CDPST

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8501CDO7V53 SCHNEIDER-8501CDO7V53 Datasheet
139Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 24 VDC coil
Aug 20, 2021
8501CO6V20 SCHNEIDER-8501CO6V20 Datasheet
106Kb / 2P
Power Relay, Type C, 2.0 HP, 30A resistive at 300 VAC, SPST, 1 normally open contact, 120 VAC coil
Aug 20, 2021
8501CO7V04 SCHNEIDER-8501CO7V04 Datasheet
140Kb / 2P
Power Relay, Type C, 1.5 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 277 VAC coil
Aug 20, 2021
8501CO7V08 SCHNEIDER-8501CO7V08 Datasheet
143Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 208 VAC coil
Aug 20, 2021
8501CO16V20 SCHNEIDER-8501CO16V20 Datasheet
110Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, SPDT, 2 normally open and 2 normally closed contact, 120 VAC coil
Aug 20, 2021
8501CDPDT SCHNEIDER-8501CDPDT Datasheet
163Kb / 2P
Power Relay, Type C, 1.5 HP, 30A resistive at 300 VAC, DPDT, 2 normally open and 2 normally closed contact, 120 VAC coil
Aug 23, 2021
8501CO7V14 SCHNEIDER-8501CO7V14 Datasheet
144Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 24 VAC coil
Aug 23, 2021
8501CO7V20 SCHNEIDER-8501CO7V20 Datasheet
114Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 120 VAC coil
Aug 23, 2021
8501CO7V24 SCHNEIDER-8501CO7V24 Datasheet
144Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 240 VAC coil
Aug 23, 2021
8501CO7V29 SCHNEIDER-8501CO7V29 Datasheet
138Kb / 2P
Power Relay, Type C, 2 HP, 30A resistive at 300 VAC, DPST, 2 normally open contacts, 480 VAC coil
Aug 23, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com