Electronic Components Datasheet Search
  English  ▼

X  

MAX8795A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8795A
Description  Low-Profile Surface-Mount Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8795A Datasheet HTML 1Page - Maxim Integrated Products MAX8795A Datasheet HTML 2Page - Maxim Integrated Products MAX8795A Datasheet HTML 3Page - Maxim Integrated Products MAX8795A Datasheet HTML 4Page - Maxim Integrated Products MAX8795A Datasheet HTML 5Page - Maxim Integrated Products MAX8795A Datasheet HTML 6Page - Maxim Integrated Products MAX8795A Datasheet HTML 7Page - Maxim Integrated Products MAX8795A Datasheet HTML 8Page - Maxim Integrated Products MAX8795A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MAX8795A Evaluation Kit
2
_______________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C25
1
220pF ±10%, 50V X7R ceramic
capacitor (0603)
TDK C1608X7R1H221K
C26–C29
0
Not installed, ceramic capacitors
(0603)
C30
1
68pF ±5%, 50V C0G ceramic
capacitor (0603)
TDK C1608C0G1H680J
Taiyo Yuden UMK107CG680JZ
D1
1
30V, 3A Schottky diode (M-Flat)
Toshiba CMS02
30V, 2.2A Schottky diode
Nihon EC20QS03L
D2, D3
2
100V, 200mA dual ultra-fast diodes
(SOT23)
Fairchild MMBD4148SE (Top Mark: D4)
Central Semiconductor CMPD1001S,
lead free (Top Mark: L21)
JU1, JU2
2
2-pin headers
L1
1
3.3µH, 2.5A low-profile inductor
Sumida CDRH5D16NP-3R3
TOKO FDV0620-3R3M
Würth S06100031
DESIGNATION
QTY
DESCRIPTION
Q1
1
40V, 200mA pnp bipolar transistor
(SOT23)
Central Semiconductor CMPT3906,
lead free (Top Mark: C2A)
Fairchild MMBT3906 (Top Mark: 2A)
Q2
1
40V, 200mA npn bipolar transistor
(SOT23)
Central Semiconductor CMPT3904,
lead free (Top Mark: C1A)
Fairchild MMBT3904 (Top Mark: 1A)
R1
1
137k
Ω ±1% resistor (0603)
R2
1
13.3k
Ω ±1% resistor (0603)
R3
1
191k
Ω ±1% resistor (0603)
R4
1
10k
Ω ±1% resistor (0603)
R5, R6
2
6.8k
Ω ±5% resistors (0603)
R7
1
324k
Ω ±1% resistor (0603)
R8
1
31.6k
Ω ±1% resistor (0603)
R9
1
180k
Ω ±5% resistor (0603)
R10–R20
11
100k
Ω ±5% resistors (0603)
R21
1
10
Ω ±5% resistor (0603)
R22–R26
5
Not installed, resistors—short PC
trace (0603)
R27
1
1k
Ω ±5% resistor (0603)
U1
1
MAX8795AETJ+ (32-pin TQFN,
5mm x 5mm)
—
1
Shunt, 0.1in centers
—
1
PCB: MAX8795A Evaluation Kit+
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Central Semiconductor Corp.
516-435-1110
www.centralsemi.com
Fairchild Semiconductor
408-822-2000
www.fairchildsemi.com
Murata Mfg. Co., Ltd.
770-436-1300
www.murata.com
Nihon Inter Electronics Corp.
661-867-2555
www.niec.co.jp
SANYO North America Corp.
619-661-6322
www.sanyodevice.com
Sumida Corp.
708-956-0666
www.sumida.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-390-4373
www.component.tdk.com
TOKO America, Inc.
847-297-0070
www.tokoam.com
Toshiba America Electronic Components, Inc.
949-455-2000
www.toshiba.com/taec
Würth Electronik GmbH & Co., KG
201-785-8800
www.we-online.com
Note: Indicate that you are using the MAX8795A when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com