Electronic Components Datasheet Search
  English  ▼

X  

MAX8795A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8795A
Description  Low-Profile Surface-Mount Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8795A Datasheet HTML 1Page - Maxim Integrated Products MAX8795A Datasheet HTML 2Page - Maxim Integrated Products MAX8795A Datasheet HTML 3Page - Maxim Integrated Products MAX8795A Datasheet HTML 4Page - Maxim Integrated Products MAX8795A Datasheet HTML 5Page - Maxim Integrated Products MAX8795A Datasheet HTML 6Page - Maxim Integrated Products MAX8795A Datasheet HTML 7Page - Maxim Integrated Products MAX8795A Datasheet HTML 8Page - Maxim Integrated Products MAX8795A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MAX8795A Evaluation Kit
_______________________________________________________________________________________
3
Quick Start
Recommended Equipment
• 4.5V to 5.5VDC, 5A power supply
• Digital multimeters
Procedure
The MAX8795A EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Connect the positive terminal of the DC power sup-
ply to the VIN pad. Connect the negative terminal of
the DC power supply to the PGND pad.
2) Verify that a shunt is placed across jumper JU1.
Verify that there is no shunt placed across jumper
JU2.
3) Turn on the power supply and verify that the step-
up regulator output (VMAIN) is approximately +14V.
4) Verify that the positive linear-regulator output
(VPOS) is approximately +25V.
5) Verify that the negative linear-regulator output
(VNEG) is approximately -10V.
6) Verify that all buffer outputs (OUT1–OUT 5) are
approximately +7V.
Detailed Description
The MAX8795A EV kit includes a high-performance
boost converter, two linear-regulator controllers, and
five high-current op amps optimized for complete TFT
LCD power requirements. The main supply step-up
switching circuit, which is powered from a +5V supply
and switches at 1.2MHz, provides a +14V output with at
least 500mA.
For regulated TFT gate-on supply, the EV kit employs a
positive single-stage charge pump and a linear
postregulator that provides +25V output (VPOS) and
supplies at least 20mA. For regulated TFT gate-off sup-
ply, the EV kit employs a negative single-stage charge
pump and a linear postregulator that provides -10V out-
put and supplies at least 50mA.
The EV kit also features five high-current op amps that
are ideal for driving the capacitive backplane of TFT
LCD panels. Each buffer is set to one-half of the main
supply output through external resistor-dividers.
Jumper Selection
Dummy Load for the High-Voltage
Switch Output (COM)
The MAX8795A EV kit features a capacitive dummy
load of 1.5nF (C22) at the COM output pad to simulate
a panel load to test the switch matrix. Jumper JU1
selects and deselects the dummy load. Table 1 lists
jumper JU1 options.
High-Voltage Switch Control Input (CTL)
Using a 2-pin jumper (JU2), the MAX8795A EV kit fea-
tures an option to control the high-voltage switches
between SRC, COM, and DRN. The switch between the
SRC and COM pins, and the switch between the COM
and DRN pins can also be controlled by an external
TTL logic source connected to the CTL pad. See Table
2 for switch states and refer to the
Switch-Control Block
section in the MAX8795A IC data sheet for further infor-
mation about the high-voltage switches connected to
the COM pin.
Table 2. Jumper JU2 Functions
SHUNT
POSITION
CTL PIN
MAX8795A
COM OUTPUT
Installed
Connected to VIN
COM connected to SRC
(+25V)
Not installed*
Connected to
GND through
resistor R10
COM connected to DRN
(+14V)
TTL = logic-low
(COM connected to DRN)
Not installed
Connected to
external TTL
source
TTL = logic-high
(COM connected to SRC)
*
Default position.
Table 1. Jumper JU1 Functions
SHUNT
POSITION
DUMMY LOAD
(C22)
EV KIT FUNCTION
Installed
Connected to
COM
Testing mode
(no panel)
Not installed*
Unconnected
Normal operation
(panel load)
*
Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com