Electronic Components Datasheet Search
  English  ▼

X  

MAX7033 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7033
Description  Available in 315MHz or 433.92MHz Optimized Versions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7033 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7033 Datasheet HTML 1Page - Maxim Integrated Products MAX7033 Datasheet HTML 2Page - Maxim Integrated Products MAX7033 Datasheet HTML 3Page - Maxim Integrated Products MAX7033 Datasheet HTML 4Page - Maxim Integrated Products MAX7033 Datasheet HTML 5Page - Maxim Integrated Products MAX7033 Datasheet HTML 6Page - Maxim Integrated Products MAX7033 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX7033 evaluation kit (EV kit) allows for a
detailed evaluation of the MAX7033 superheterodyne
receiver. It enables testing of the device’s RF perfor-
mance and requires no additional support circuitry. The
RF input uses a 50
Ω matching network and an SMA
connector for convenient connection to test equipment.
The EV kit can also directly interface to the user’s
embedded design for easy data decoding.
The MAX7033 EV kit comes in two versions: 315MHz
and 433.92MHz. The passive components are opti-
mized for these frequencies. These components can
easily be changed to work at RF frequencies from
300MHz to 450MHz. In addition, the received data rate
can be adjusted from 0 to 66kbps by changing three
more components.
For easy implementation into the customer’s design,
the MAX7033 EV kit also features a proven PC board
layout, which can be easily duplicated for quicker time
to market. The EV kit Gerber files are available for
download at www.maxim-ic.com.
Features
♦ Proven PC Board Layout
♦ Proven Components Parts List
♦ Multiple Test Points Provided On Board
♦ Available in 315MHz or 433.92MHz Optimized
Versions
♦ Adjustable Frequency Range from 300MHz to
450MHz*
♦ Fully Assembled and Tested
♦ Can Operate as a Stand-Alone Receiver with the
Addition of an Antenna
MAX7033 Evaluation Kit
________________________________________________________________ Maxim Integrated Products
1
19-3917; Rev 0; 12/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
DESIGNATION
QTY
DESCRIPTION
C1, C2, C23
2
0.01µF
±10% ceramic capacitors
(0603)
Murata GRM188R71H103KA01
C3
1
1500pF
±10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H152KA01
C4
1
0.47µF 80% to 20% ceramic
capacitor (0603)
Murata GRM188F51C474ZA01
C5
1
470pF
±5% ceramic capacitor
(0603)
Murata GRM1885C1H471JA01
C6, C10
2
220pF
±5% ceramic capacitors
(0603)
Murata GRM1885C1H221JA01
C7, C8, C11
3
100pF
±5% ceramic capacitors
(0603)
Murata GRM1885C1H101JA01
C9
(315MHz)
1
4.0pF
±0.1pF ceramic capacitor
(0603)
Murata GRM1885C1H4R0BZ01
C9
(433MHz)
1
2.2pF
±0.1pF ceramic capacitor
(0603)
Murata GRM1885C1H2R2BD01
PART
TEMP RANGE
IC PACKAGE
MAX7033EVKIT-315
-40°C to +85°C
28 TSSOP
MAX7033EVKIT-433
-40°C to +85°C
28 TSSOP
Ordering Information
Component List
DESIGNATION
QTY
DESCRIPTION
C12, C20, C24
2
0.1µF
±5% ceramic capacitors
(0603)
Murata GRM188R71C104KA01
C13, C16, C18,
C19
0
Not installed
C14, C15
2
15pF
±5%, 50V ceramic capacitors
(0603)
Murata GRM1885C1H150JZ01
C17
0
Not installed, 0.01µF 80% to 20%
ceramic capacitor (0603)
Murata GRM188R71H103KA01
C21
1
10pF
±5%, 50V ceramic capacitor
(0603)
Murata GRM1885C1H100JZ01
C22
1
1000pF
±10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H102KA01
F_IN
0
Not installed, SMA connector,
edge mount
Johnson 142-0701-801
JU1, JU2, JU5,
JU6
4
3-pin headers
Digi-Key S1012-36-ND or
equivalent
*Requires component changes.


Similar Part No. - MAX7033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033 MAXIM-MAX7033 Datasheet
214Kb / 7P
Evaluation Kit
Rev 0; 12/05
MAX7033 MAXIM-MAX7033 Datasheet
409Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX7033ETJ MAXIM-MAX7033ETJ Datasheet
849Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033ETJ+ MAXIM-MAX7033ETJ+ Datasheet
908Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
More results

Similar Description - MAX7033

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT532T-4 ACT-ACT532T-4 Datasheet
176Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT751T-4 ACT-ACT751T-4 Datasheet
179Kb / 2P
available in TCXO and VCTCXO versions
12/10/05
ACT752T-4 ACT-ACT752T-4 Datasheet
121Kb / 2P
available in TCXO and VCTCXO versions.
28/10/05
logo
M.S. Kennedy Corporatio...
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
Available in 3.3V, 5.0V and 12.0V versions
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
Available in both 5V and 3.3V versions
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
PCB versions available
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
RoHS versions available
logo
Maxim Integrated Produc...
MAX7042EVKIT MAXIM-MAX7042EVKIT Datasheet
1Mb / 7P
Available in 315MHz or 433.92MHz Optimized Versions
Rev 0; 9/09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com