Electronic Components Datasheet Search
  English  ▼

X  

MAX7033 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7033
Description  Available in 315MHz or 433.92MHz Optimized Versions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7033 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7033 Datasheet HTML 1Page - Maxim Integrated Products MAX7033 Datasheet HTML 2Page - Maxim Integrated Products MAX7033 Datasheet HTML 3Page - Maxim Integrated Products MAX7033 Datasheet HTML 4Page - Maxim Integrated Products MAX7033 Datasheet HTML 5Page - Maxim Integrated Products MAX7033 Datasheet HTML 6Page - Maxim Integrated Products MAX7033 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Power Supply
The MAX7033 can operate from 3.3V or 5V supplies.
For 5V operation, remove JU7 before connecting the
supply to VDD. For 3.3V operation, connect JU7.
IF Input/Output
The 10.7MHz IF can be monitored with the help of a
spectrum analyzer using the MIX_OUT SMA (not provid-
ed). Remove the ceramic filter for such a measurement
and include R3 (270
Ω) and C17 (0.01µF) to match the
330
Ω mixer output with the 50Ω spectrum analyzer.
Jumper JU3 needs to connect pins 1 and 2. It is also
possible to use the MIX_OUT SMA to inject an external
IF as a means of evaluating the baseband data slicing
section. Jumper JU3 needs to connect pins 2 and 3.
F_IN External Frequency Input
For applications where the correct frequency crystal is
not available, it is possible to directly inject an external
frequency through the F_IN SMA (not provided).
Connect the SMA to a function generator. The addition
of C18 and C19 is necessary (use 0.01µF capacitors).
AGC Control
Jumper JU5 controls whether the AGC is enabled.
Connect pins 2 and 3 to enable the AGC. In addition,
by removing the jumper, the AGC setting can be
locked or unlocked by transitioning the AC pin while the
SHDN pin is high.
Crystal Select
Jumper JU2 controls the crystal-divide ratio.
Connecting pins 1 and 2 sets the divide ratio to 32,
while connecting pins 2 and 3 sets the ratio to 64. This
determines the frequency of the crystal to be used.
Image-Rejection Frequency Select
A unique feature of the MAX7033 is its ability to vary at
which frequency the image rejection is optimized. JU6
allows the selection of three possible frequencies:
315MHz, 375MHz, and 433.92MHz. See Table 1
for settings.
Test Points and I/O Connections
Additional test points and I/O connectors are provided
to monitor the various baseband signals and for exter-
nal connections. See Tables 2 and 3 for a description.
For additional information and a list of application
notes, visit www.maxim-ic.com.
MAX7033 Evaluation Kit
4
_______________________________________________________________________________________
Table 3. I/O Connectors
SIGNAL
DESCRIPTION
RF_IN
RF input
F_IN
External reference frequency input
MIX_OUT
IF input/output
GND
Ground
VDD
Supply input
DATA_OUT
Sliced data output
SHDN
External power-down control
AGC_C
AGC control
Table 2. Test Points
TP
DESCRIPTION
2
Data slicer negative input
3
Data filter output
4
Peak detector out
5
+3.3V
6
GND
7
Data filter feedback node
8
Data out
9
Power-down select input
10
VDD
11
AGC control
12
Crystal select



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com