Electronic Components Datasheet Search
  English  ▼

X  

LDN40 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDN40
Description  Single phase AC input 90 - 264 VAC (110 - 345 VDC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDN40 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDN40 Datasheet HTML 1Page - Bel Fuse Inc. LDN40 Datasheet HTML 2Page - Bel Fuse Inc. LDN40 Datasheet HTML 3Page - Bel Fuse Inc. LDN40 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDN40 Series
tech.support@psbel.com
LDN40-5
120 - 240 VAC (110 - 345 VDC)
1
5 - 15 VDC
4 - 2 A
LDN40-12D
120 - 240 VAC (110 - 345 VDC)
1
2x 12 - 16 VDC
1.0 A
LDN40-12
120 - 240 VAC (110 - 345 VDC)
1
12 - 15 VDC
3.5 - 3 A
LDN40-24
120 - 240 VAC (110 - 345 VDC)
1
24 VDC
2 A
Technical parameters are typical, measured in laboratory environment at 25°C and 240 VAC / 50 Hz, at nominal values, after
minimum 5 minutes of operation.
Input AC Voltage Range
Rated, UL certified
Operating
120 - 240 VAC
90 - 264 VAC
Input DC Voltage Range
Rated
110 - 345 VDC
Input Frequency Range
47 - 63 Hz
Input AC Current
LDN40-5 / LDN40-12D
Vin = 120 VAC
Vin = 240 VAC
0.7 A
0.4 A
LDN40-12 / LDN40-24
Vin = 120 VAC
Vin = 240 VAC
0.9 A
0.5 A
Input DC Current
LDN40-5 / LDN40-12D
Vin = 110 VDC
Vin = 345 VDC
0.5 A
0.2 A
LDN40-12 / LDN40-24
Vin = 110 VDC
Vin = 345 VDC
0.6 A
0.3 A
Inrush Peak Current
≤ 75 A
Touch (Leakage) Current
≤ 0.25 mA
Internal Protection Fuse
Not user replaceable
Fuse 2AT
Recommended External Protection
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations
MCB 6A C curve
Output Power
40 W
Rated Voltage
(Adjustable Voltage Range)
LDN40-5
LDN40-12D
LDN40-12
LDN40-24
5 - 15 VDC
(5 - 15 VDC)
2x 12 - 16 VDC (2x 12 – 16 VDC)
12 - 15 VDC
(12 – 15 VDC)
24 VDC
(24 VDC Fixed)
Continuous Current
LDN40-5
LDN40-12D
LDN40-12
LDN40-24
4 A @ 5 VDC / 2 A @ 15 VDC
1 A
3.5 A @ 12 VDC / 3 A @ 15 VDC
2 A
Overload Limit
LDN40-5
LDN40-12D
LDN40-12
LDN40-24
6.5 A @ 5 VDC / 4 A @ 15 VDC
2.7 - 2.4 A
6.5 A @ 12 VDC / 4.1 A @ 15 VDC
3.5 A
Short Circuit Peak Current
LDN40-5
LDN40-12D
LDN40-12
LDN40-24
10 A
3.5 A
8.5 A
7 A
Load Regulation
≤ 1%
Ripple & Noise1
≤ 100 mVpp
Hold up Time
Vin = 120 VAC
Vin = 240 VAC
≥ 10 ms
≥ 50 ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com