Electronic Components Datasheet Search
  English  ▼

X  

LDN40 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # LDN40
Description  Single phase AC input 90 - 264 VAC (110 - 345 VDC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDN40 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  LDN40 Datasheet HTML 1Page - Bel Fuse Inc. LDN40 Datasheet HTML 2Page - Bel Fuse Inc. LDN40 Datasheet HTML 3Page - Bel Fuse Inc. LDN40 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LDN40 Series
tech.support@psbel.com
Figure 1. Mechanical Drawing
1
AC/DC input
2
DC output (load)
3
Green LED: Output OK
4
Output voltage adjustment
(all models except LDN40-24)
INPUT CONNECTION
OUTPUT CONNECTION
Single phase:
L = Line (2)
N = Neutral (1)
+ = Positive DC (9)
- = Negative DC (8)
DC:
L = +/- (2)
N = -/+ (1)
Exception LDN40-12D:
+ = Positive DC (9)
- = Negative DC (7)
┴ = Common DC (8)
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com