Electronic Components Datasheet Search
  English  ▼

X  

LDT960 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # LDT960
Description  3 phase AC input 400 ??500 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT960 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  LDT960 Datasheet HTML 1Page - Bel Fuse Inc. LDT960 Datasheet HTML 2Page - Bel Fuse Inc. LDT960 Datasheet HTML 3Page - Bel Fuse Inc. LDT960 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
LDT960 Series
tech.support@psbel.com
INPUT CONNECTION
OUTPUT CONNECTION
3 phase:
L1 = Phase 1
L2 = Phase 2
L3 = Phase 3
= Earth ground
+ = Positive DC
- = Negative DC
Dry contact = NC
DC:
L1 = + Positive DC
L2 = - Negative DC
L3 = Do not connect
= Earth ground
Signaling:
DC OK: dry contact
NO
COM
1
AC/DC input
2
DC output (load)
3
Status Output
(dry contact, NC output OK)
4
Green LED: Output OK
5
Red LED: Overload
6
Output voltage adjustment
7
Selectable limitation mode
Weight
1.3 kg
Dimensions
80 x 127 x 137.5 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
Screw type header (16 – 10 AWG)
Screw type header (10 – 6 AWG) ) for output on 24 V model
1.5 – 6 mm2
6 - 16 mm2
Case Material
Aluminum
Figure 1. Mechanical Drawing
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com